Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DB Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 20Page - Cypress Semiconductor MB91F467DB Datasheet HTML 21Page - Cypress Semiconductor MB91F467DB Datasheet HTML 22Page - Cypress Semiconductor MB91F467DB Datasheet HTML 23Page - Cypress Semiconductor MB91F467DB Datasheet HTML 24Page - Cypress Semiconductor MB91F467DB Datasheet HTML 25Page - Cypress Semiconductor MB91F467DB Datasheet HTML 26Page - Cypress Semiconductor MB91F467DB Datasheet HTML 27Page - Cypress Semiconductor MB91F467DB Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 24 of 137
MB91460D Series
6. Notes on Debugger
6.1 Execution of the RETI Command
If single-step execution is used in an environment where an interrupt occurs frequently, the corresponding interrupt handling routine
will be executed repeatedly to the exclusion of other processing. This will prevent the main routine and the handlers for low priority
level interrupts from being executed (For example, if the time-base timer interrupt is enabled, stepping over the RETI instruction will
always break on the first line of the time-base timer interrupt handler).
Disable the corresponding interrupts when the corresponding interrupt handling routine no longer needs debugging.
6.2 Break function
If the range of addresses that cause a hardware break (including event breaks) is set to the address of the current system stack pointer
or to an area that contains the stack pointer, execution will break after each instruction regardless of whether the user program actually
contains data access instructions.
To prevent this, do not set (word) access to the area containing the address of the system stack pointer as the target of the hardware
break (including an event breaks).
6.3 Operand break
It may cause malfunctions if a stack pointer exists in the area which is set as the DSU operand break. Do not set the access to the
areas containing the address of system stack pointer as a target of data event break.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com