Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DB Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 27Page - Cypress Semiconductor MB91F467DB Datasheet HTML 28Page - Cypress Semiconductor MB91F467DB Datasheet HTML 29Page - Cypress Semiconductor MB91F467DB Datasheet HTML 30Page - Cypress Semiconductor MB91F467DB Datasheet HTML 31Page - Cypress Semiconductor MB91F467DB Datasheet HTML 32Page - Cypress Semiconductor MB91F467DB Datasheet HTML 33Page - Cypress Semiconductor MB91F467DB Datasheet HTML 34Page - Cypress Semiconductor MB91F467DB Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 31 of 137
MB91460D Series
9. Embedded Program/data Memory (Flash)
9.1 Flash features
• MB91F467Dx: 1088 Kbytes (16 × 64 Kbytes
8 × 8 Kbytes) = 8.5 Mbits
• MB91F465DA: 544 Kbytes (8 × 64 Kbytes
4 × 8 Kbytes) = 4.25 Mbits
• Programmable wait state for read/write access
• Flash and Boot security with security vector at 0x0014:8000 - 0x0014:800F
• Boot security
• Basic specification: Same as MBM29LV400TC (except size and part of sector configuration)
9.2 Operation modes
1. 64-bit CPU mode (available on MB91F467Dx only) :
• CPU reads and executes programs in word (32-bit) length units.
• Flash writing is not possible.
• Actual Flash Memory access is performed in d-word (64-bit) length units.
2. 32-bit CPU mode :
• MB91F465DA: CPU reads and executes programs in word (32-bit) length units.
MB91F467Dx: CPU reads, writes and executes programs in word (32-bit) length units.
• Actual Flash Memory access is performed in word (32-bit) length units.
3. 16-bit CPU mode :
• CPU reads and writes in half-word (16-bit) length units.
• Program execution from the Flash is not possible.
• Actual Flash Memory access is performed in half-word (16-bit) length units.
Note: The operation mode of the flash memory can be selected using a Boot-ROM function. The function start address is 0xBF60.
The parameter description is given in the Hardware Manual in chapter 54.6 “Flash Access Mode Switching”
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com