Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DB Datasheet(PDF) 103 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 103 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 99Page - Cypress Semiconductor MB91F467DB Datasheet HTML 100Page - Cypress Semiconductor MB91F467DB Datasheet HTML 101Page - Cypress Semiconductor MB91F467DB Datasheet HTML 102Page - Cypress Semiconductor MB91F467DB Datasheet HTML 103Page - Cypress Semiconductor MB91F467DB Datasheet HTML 104Page - Cypress Semiconductor MB91F467DB Datasheet HTML 105Page - Cypress Semiconductor MB91F467DB Datasheet HTML 106Page - Cypress Semiconductor MB91F467DB Datasheet HTML 107Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 103 of 137
MB91460D Series
15.7.5 Free-run timer clock
(VDD5 = 3.0 V to 5.5 V, VSS5 = AVSS5 = 0 V, TA = 40°C to  105°C)
Note : tCLKP is the cycle time of the peripheral clock.
15.7.6 Trigger input timing
(VDD5 = 3.0 V to 5.5 V, VSS5 = AVSS5 = 0 V, TA = 40°C to  105°C)
Note : tCLKP is the cycle time of the peripheral clock.
Parameter
Symbol
Pin name
Condition
Value
Unit
Min
Max
Input pulse width
tTIWH
tTIWL
CKn
—
4tCLKP
—ns
Parameter
Symbol
Pin name
Condition
Value
Unit
Min
Max
Input capture input trigger
tINP
ICUn
—
5tCLKP
—ns
A/D converter trigger
tATGX
ATGX
—
5tCLKP
—ns
tTIWH
tTIWL
CKn
VIH
VIH
VIL
VIL
ICUn,
ATGX
tATGX, tINP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com