Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DB Datasheet(PDF) 116 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 116 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 112Page - Cypress Semiconductor MB91F467DB Datasheet HTML 113Page - Cypress Semiconductor MB91F467DB Datasheet HTML 114Page - Cypress Semiconductor MB91F467DB Datasheet HTML 115Page - Cypress Semiconductor MB91F467DB Datasheet HTML 116Page - Cypress Semiconductor MB91F467DB Datasheet HTML 117Page - Cypress Semiconductor MB91F467DB Datasheet HTML 118Page - Cypress Semiconductor MB91F467DB Datasheet HTML 119Page - Cypress Semiconductor MB91F467DB Datasheet HTML 120Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 116 of 137
MB91460D Series
DMA transfer
(VDD35 = 4.5 V to 5.5 V, Vss5 = AVss5 = 0 V, TA = 40°C to  105°C)
Note : DREQ and DEOTX must be applied for at least 5 × tCLKT to ensure that they are really sampled and evaluated.
Under best case conditions (DMA not busy) only setup and hold times are required.
Parameter
Symbol
Pin name
Value
Unit
Min
Max
MCLKO ↓ to DACKX delay time
TCLDAL
MCLKO
DACKXn
—9
ns
TCLDAH
—
6
ns
MCLKO ↓ to DEOP delay time
TCLDEL
MCLKO
DEOPn
—8
ns
TCLDEH
—
9
ns
MCLKO ↑ to DACKX delay time
(ADDR → delayed CS)
TCHDAL
MCLKO
DACKXn
 43
ns
MCLKO ↑ to DEOP delay time
(ADDR → delayed CS)
TCHDEL
MCLKO
DEOPn
 43
ns
DREQ setup time
TDRQS
MCLKO
DREQn
23
—
ns
DREQ hold time
TDRQH
MCLKO
DREQn
0—
ns
DEOTXn setup time
TDTXS
MCLKO
DEOTXn
24
—
ns
DEOTXn hold time
TDTXH
MCLKO
DEOTXn
0—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com