Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DB Datasheet(PDF) 128 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 128 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 124Page - Cypress Semiconductor MB91F467DB Datasheet HTML 125Page - Cypress Semiconductor MB91F467DB Datasheet HTML 126Page - Cypress Semiconductor MB91F467DB Datasheet HTML 127Page - Cypress Semiconductor MB91F467DB Datasheet HTML 128Page - Cypress Semiconductor MB91F467DB Datasheet HTML 129Page - Cypress Semiconductor MB91F467DB Datasheet HTML 130Page - Cypress Semiconductor MB91F467DB Datasheet HTML 131Page - Cypress Semiconductor MB91F467DB Datasheet HTML 132Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 128 of 137
MB91460D Series
Bus hold timing
(VDD35 = 3.0 V to 4.5 V, Vss5 = AVss5 = 0 V, TA = 40°C to  105°C)
Note : BRQ must be kept High until the bus is granted (this is acknowledged by the falling edge of BGRNTX).
It must be kept High as long as the bus shall be hold.
After releasing the bus (BRQ set to Low) this is acknowledged by the rising edge of BGRNTX.
Parameter
Symbol
Pin name
Value
Unit
Min
Max
MCLKO ↓ to BGRNTX delay time
TCLBGL
MCLKO
BGRNTX
—2 × tCLKT  16
ns
TCLBGH
—
2 × tCLKT  3ns
Bus HIZ to BGRNTX ↓
TAXBGL
BGRNTX
MCLK*
A0 to An
RDX, ASX
WRXn,WEX
CSXn,BAAX
tCLKT  1—
ns
BGRNTX ↑ to Bus drive
TBGHAV
tCLKT  1—
ns
MCLKO
BRQ
BGRNTX
ADDR,RDX,WRX,
WEX,CSXn,ASX,
MCLKE,MCLKI,
BAAX
TCLBGL
TAXBGL
TBGHAV
TCLBGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com