Electronic Components Datasheet Search
  English  ▼

X  

AD9364 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9364
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364 Datasheet(HTML) 4 Page - Analog Devices

  AD9364 Datasheet HTML 1Page - Analog Devices AD9364 Datasheet HTML 2Page - Analog Devices AD9364 Datasheet HTML 3Page - Analog Devices AD9364 Datasheet HTML 4Page - Analog Devices AD9364 Datasheet HTML 5Page - Analog Devices AD9364 Datasheet HTML 6Page - Analog Devices AD9364 Datasheet HTML 7Page - Analog Devices AD9364 Datasheet HTML 8Page - Analog Devices AD9364 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Data Sheet
AD9364
SPECIFICATIONS
Electrical characteristics at VDD_GPO = 3.3 V, VDD_INTERFACE = 1.8 V, and all other VDDx pins = 1.3 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter1
Symbol Min
Typ
Max
Unit
Test Conditions/Comments
RECEIVER, GENERAL
Center Frequency
70
6000
MHz
Gain
Minimum
0
dB
Maximum
74.5
dB
At 800 MHz
73.0
dB
At 2300 MHz, RXA
72.0
dB
At 2300 MHz, RXB, RXC
65.5
dB
At 5500 MHz, RXA
Gain Step
1
dB
Received Signal Strength
Indicator
RSSI
Range
100
dB
Accuracy
±2
dB
RECEIVER, 800 MHz
Noise Figure
NF
2
dB
Maximum Rx gain
Third-Order Input Intermod-
ulation Intercept Point
IIP3
−18
dBm
Maximum Rx gain
Second-Order Input Intermod-
ulation Intercept Point
IIP2
40
dBm
Maximum Rx gain
Local Oscillator (LO) Leakage
−122
dBm
At Rx front-end input
Quadrature
Gain Error
0.2
%
Phase Error
0.2
Degrees
Modulation Accuracy (EVM)
−42
dB
19.2 MHz reference clock
Input S11
−10
dB
RECEIVER, 2.4 GHz
Noise Figure
NF
3
dB
Maximum Rx gain
Third-Order Input Intermod-
ulation Intercept Point
IIP3
−14
dBm
Maximum Rx gain
Second-Order Input Intermod-
ulation Intercept Point
IIP2
45
dBm
Maximum Rx gain
Local Oscillator (LO) Leakage
−110
dBm
At Rx front-end input
Quadrature
Gain Error
0.2
%
Phase Error
0.2
Degrees
Modulation Accuracy (EVM)
−42
dB
40 MHz reference clock
Input S11
−10
dB
RECEIVER, 5.5 GHz
Noise Figure
NF
3.8
dB
Maximum Rx gain
Third-Order Input Intermod-
ulation Intercept Point
IIP3
−17
dBm
Maximum Rx gain
Second-Order Input Intermod-
ulation Intercept Point
IIP2
42
dBm
Maximum Rx gain
Local Oscillator (LO) Leakage
−95
dBm
At Rx front-end input
Quadrature
Gain Error
0.2
%
Phase Error
0.2
Degrees
Modulation Accuracy (EVM)
−37
dB
40 MHz reference clock
(doubled internally for RF
synthesizer)
Input S11
−10
dB
TRANSMITTER—GENERAL
Center Frequency
70
6000
MHz
Power Control Range
90
dB
Power Control Resolution
0.25
dB
Rev. C | Page 3 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com