Electronic Components Datasheet Search
  English  ▼

X  

AD9364 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9364
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364 Datasheet(HTML) 5 Page - Analog Devices

  AD9364 Datasheet HTML 1Page - Analog Devices AD9364 Datasheet HTML 2Page - Analog Devices AD9364 Datasheet HTML 3Page - Analog Devices AD9364 Datasheet HTML 4Page - Analog Devices AD9364 Datasheet HTML 5Page - Analog Devices AD9364 Datasheet HTML 6Page - Analog Devices AD9364 Datasheet HTML 7Page - Analog Devices AD9364 Datasheet HTML 8Page - Analog Devices AD9364 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AD9364
Data Sheet
Parameter1
Symbol Min
Typ
Max
Unit
Test Conditions/Comments
TRANSMITTER, 800 MHz
Output S22
−10
dB
Maximum Output Power
8
dBm
1 MHz tone into 50 Ω load
Modulation Accuracy (EVM)
−40
dB
19.2 MHz reference clock
Third-Order Output Intermod-
ulation Intercept Point
OIP3
23
dBm
Carrier Leakage
−50
dBc
0 dB attenuation
−32
dBc
40 dB attenuation
Noise Floor
−157
dBm/Hz
90 MHz offset
TRANSMITTER, 2.4 GHz
Output S22
−10
dB
Maximum Output Power
7.5
dBm
1 MHz tone into 50 Ω load
Modulation Accuracy (EVM)
−40
dB
40 MHz reference clock
Third-Order Output Intermod-
ulation Intercept Point
OIP3
19
dBm
Carrier Leakage
−50
dBc
0 dB attenuation
−32
dBc
40 dB attenuation
Noise Floor
−156
dBm/Hz
90 MHz offset
TRANSMITTER, 5.5 GHz
Output S22
−10
dB
Maximum Output Power
6.5
dBm
7 MHz tone into 50 Ω load
Modulation Accuracy (EVM)
−36
dB
40 MHz reference clock
(doubled internally for RF
synthesizer)
Third-Order Output Intermod-
ulation Intercept Point
OIP3
17
dBm
Carrier Leakage
−50
dBc
0 dB attenuation
−30
dBc
40 dB attenuation
Noise Floor
−151.5
dBm/Hz
90 MHz offset
TX MONITOR INPUT (TX_MON)
Maximum Input Level
4
dBm
Dynamic Range
66
dB
Accuracy
1
dB
LO SYNTHESIZER
LO Frequency Step
2.4
Hz
2.4 GHz, 40 MHz reference
clock
Integrated Phase Noise
800 MHz
0.13
° rms
100 Hz to 100 MHz, 30.72 MHz
reference clock (doubled
internally for RF synthesizer)
2.4 GHz
0.37
° rms
100 Hz to 100 MHz, 40 MHz
reference clock
5.5 GHz
0.59
° rms
100 Hz to 100 MHz, 40 MHz
reference clock (doubled
internally for RF synthesizer)
REFERENCE CLOCK (REF_CLK)
REF_CLK is either the input to
the XTALP/XTALN pins or a
line directly to the XTALN pin
Input
Frequency Range
19
50
MHz
Crystal input
10
80
MHz
External oscillator
Signal Level
1.3
V p-p
AC-coupled external oscillator
AUXILIARY CONVERTERS
ADC
Resolution
12
Bits
Input Voltage
Minimum
0.05
V
Maximum
VDDA1P3_BB − 0.05
V
DAC
Resolution
10
Bits
Rev. C | Page 4 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com