Electronic Components Datasheet Search
  English  ▼

X  

AD9364 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9364
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9364 Datasheet HTML 6Page - Analog Devices AD9364 Datasheet HTML 7Page - Analog Devices AD9364 Datasheet HTML 8Page - Analog Devices AD9364 Datasheet HTML 9Page - Analog Devices AD9364 Datasheet HTML 10Page - Analog Devices AD9364 Datasheet HTML 11Page - Analog Devices AD9364 Datasheet HTML 12Page - Analog Devices AD9364 Datasheet HTML 13Page - Analog Devices AD9364 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Data Sheet
AD9364
Table 8. FDD Mode, 800 MHz
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RX AND TX
5 MHz Bandwidth
7 dBm
490
mA
−27 dBm
345
mA
10 MHz Bandwidth
7 dBm
540
mA
−27 dBm
395
mA
20 MHz Bandwidth
7 dBm
615
mA
−27 dBm
470
mA
Table 9. FDD Mode, 2.4 GHz
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RX AND TX
5 MHz Bandwidth
7 dBm
500
mA
−27 dBm
350
mA
10 MHz Bandwidth
7 dBm
540
mA
−27 dBm
390
mA
20 MHz Bandwidth
7 dBm
620
mA
−27 dBm
475
mA
Table 10. FDD Mode, 5.5 GHz
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RX AND TX
5 MHz Bandwidth
7 dBm
550
mA
−27 dBm
385
mA
Rev. C | Page 9 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com