Electronic Components Datasheet Search
  English  ▼

X  

AD9364 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9364
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9364 Datasheet HTML 20Page - Analog Devices AD9364 Datasheet HTML 21Page - Analog Devices AD9364 Datasheet HTML 22Page - Analog Devices AD9364 Datasheet HTML 23Page - Analog Devices AD9364 Datasheet HTML 24Page - Analog Devices AD9364 Datasheet HTML 25Page - Analog Devices AD9364 Datasheet HTML 26Page - Analog Devices AD9364 Datasheet HTML 27Page - Analog Devices AD9364 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Data Sheet
AD9364
Figure 50. Tx Third-Order Output Intercept Point (OIP3) vs.
Attenuation Setting
Figure 51. Tx Signal-to-Noise Ratio (SNR) vs. Transmitter Attenuation Setting,
LTE 20 MHz Signal of Interest with Noise Measured at 90 MHz Offset
Figure 52. Tx Single Sideband (SSB) Rejection vs. Frequency,
3.075 MHz Offset
0
5
10
15
20
25
30
0
4
8
12
16
20
ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
140
142
144
146
148
150
152
154
156
158
160
0
3
6
9
12
15
ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
–70
–65
–60
–55
–50
–45
–40
–35
–30
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C
Rev. C | Page 23 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com