Electronic Components Datasheet Search
  English  ▼

X  

AD9364 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9364
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364 Datasheet(HTML) 1 Page - Analog Devices

  AD9364 Datasheet HTML 1Page - Analog Devices AD9364 Datasheet HTML 2Page - Analog Devices AD9364 Datasheet HTML 3Page - Analog Devices AD9364 Datasheet HTML 4Page - Analog Devices AD9364 Datasheet HTML 5Page - Analog Devices AD9364 Datasheet HTML 6Page - Analog Devices AD9364 Datasheet HTML 7Page - Analog Devices AD9364 Datasheet HTML 8Page - Analog Devices AD9364 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
RF Agile Transceiver
Data Sheet
AD9364
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF 1 × 1 transceiver with integrated 12-bit DACs and ADCs
Band: 70 MHz to 6.0 GHz
Supports time division duplex (TDD) and frequency division
duplex (FDD) operation
Tunable channel bandwidth (BW): <200 kHz to 56 MHz
3-band receiver: 3 differential or 6 single-ended inputs
Superior receiver sensitivity with a noise figure of <2.5 dB
Rx gain control
Real-time monitor and control signals for manual gain
Independent automatic gain control
2-band differential output transmitter
Highly linear broadband transmitter
Tx EVM: ≤−40 dB
Tx noise: ≤−157 dBm/Hz noise floor
Tx monitor: ≥66 dB dynamic range with 1 dB accuracy
Integrated fractional-N synthesizers
2.4 Hz maximum local oscillator (LO) step size
Multichip synchronization
CMOS/LVDS digital interface
APPLICATIONS
Point to point communication systems
Femtocell/picocell/microcell base stations
General-purpose radio systems
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD9364 is a high performance, highly integrated radio fre-
quency (RF) Agile Transceiver™ designed for use in 3G and 4G base
station applications. Its programmability and wideband capability
make it ideal for a broad range of transceiver applications.
The device combines an RF front end with a flexible mixed-signal
baseband section and integrated frequency synthesizers, simpli-
fying design-in by providing a configurable digital interface to a
processor. The AD9364 operates in the 70 MHz to 6.0 GHz range,
covering most licensed and unlicensed bands. Channel bandwidths
from less than 200 kHz to 56 MHz are supported.
The direct conversion receiver has state-of-the-art noise figure
and linearity. The receive (Rx) subsystem includes independent
automatic gain control (AGC), dc offset correction, quadrature
correction, and digital filtering, thereby eliminating the need for
these functions in the digital baseband. The AD9364 also has
flexible manual gain modes that can be externally controlled.
Two high dynamic range ADCs digitize the received I and Q
signals and pass them through configurable decimation filters
and 128-tap FIR filters to produce a 12-bit output signal at the
appropriate sample rate.
The transmitter uses a direct conversion architecture that achieves
high modulation accuracy with ultralow noise. This transmitter
design produces a Tx EVM of ≤−40 dB, allowing significant system
margin for the external power amplifier (PA) selection. The on-
board transmit (Tx) power monitor can be used as a power
detector, enabling highly accurate Tx power measurements.
The fully integrated phase-locked loops (PLLs) provide low
power fractional-N frequency synthesis for all Rx and Tx channels.
All VCO and loop filter components are integrated.
The core of the AD9364 can be powered directly from a 1.3 V
regulator. The IC is controlled via a standard 4-wire serial port and
four real-time input control pins. Comprehensive power-down
modes are included to minimize power consumption during
normal use. The AD9364 is packaged in a 10 mm × 10 mm,
144-ball chip scale package ball grid array (CSP_BGA).
AD9364
RXB_P,
RXB_N
P1_[D11:D0]/
RX_[D5:D0]
P0_[D11:D0]/
TX_[D5:D0]
RADIO
SWITCHING
RXA_P,
RXA_N
RXC_P,
RXC_N
TX_MON
Rx LO
Tx LO
TXA_P,
TXA_N
TXB_P,
TXB_N
CTRL
AUXDACx
XTALN
AUXADC
CTRL
SPI
GPO
PLLs
CLK_OUT
DAC
ADC
NOTES
1. SPI, CTRL, P0_[D11:D0]/TX_[D5:D0], P1_[D11:D0]/RX_[D5:D0],
AND RADIO SWITCHING CONTAIN MULTIPLE PINS.


Similar Part No. - AD9364

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
337Kb / 2P
AD-FMCOMMS2-EBZ
AD9361 AD-AD9361 Datasheet
639Kb / 36P
RF Agile Transceiver
Rev. F
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
RF Agile Transceiver
Rev. SpC
More results

Similar Description - AD9364

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6057B TEMIC-U6057B Datasheet
87Kb / 9P
Receiver for Point-to-Point Multiplex Systems
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
Point-to-Point and Point-to-Multi-Point Radio
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
Point-to-Point
logo
Abracon Corporation
AST3TQ-50 ABRACON-AST3TQ-50 Datasheet
3Mb / 6P
Point-to-Point communication networks
04.02.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com