Electronic Components Datasheet Search
  English  ▼

X  

AD9364 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9364
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9364 Datasheet HTML 25Page - Analog Devices AD9364 Datasheet HTML 26Page - Analog Devices AD9364 Datasheet HTML 27Page - Analog Devices AD9364 Datasheet HTML 28Page - Analog Devices AD9364 Datasheet HTML 29Page - Analog Devices AD9364 Datasheet HTML 30Page - Analog Devices AD9364 Datasheet HTML 31Page - Analog Devices AD9364 Datasheet HTML 32Page - Analog Devices AD9364 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AD9364
Data Sheet
function (controlling when the Rx path is enabled and disabled),
and the TXNRX pin assumes the TXON function (controlling
when the Tx path is enabled and disabled). In this mode, the
ENSM is removed from the system for control of all data flow
by these pins.
SPI INTERFACE
The AD9364 uses a serial peripheral interface (SPI) to communi-
cate with the BBP. The SPI can be configured as a 4-wire
interface with dedicated receive and transmit ports, or it can
be configured as a 3-wire interface with a bidirectional data
communication port. This bus allows the BBP to set all device
control parameters using a simple address data serial bus
protocol.
Write commands follow a 24-bit format. The first six bits are
used to set the bus direction and number of bytes to transfer.
The next 10 bits set the address where data is to be written.
The final eight bits are the data to be transferred to the specified
register address (MSB to LSB). The AD9364 also supports an
LSB-first format that allows the commands to be written in LSB
to MSB format. In this mode, the register addresses are incre-
mented for multibyte writes.
Read commands follow a similar format with the exception that
the first 16 bits are transferred on the SPI_DI pin and the final
eight bits are read from the AD9364, either on the SPI_DO pin
in 4-wire mode or on the SPI_DI pin in 3-wire mode.
CONTROL PINS
Control Outputs (CTRL_OUT7 to CTRL_OUT0)
The AD9364 provides eight simultaneous real-time output signals
for use as interrupts to the BBP. These outputs can be configured to
output a number of internal settings and measurements that the
BBP can use when monitoring transceiver performance in different
situations. The control output pointer register selects what
information is output to these pins, and the control output enable
register determines which signals are activated for monitoring by
the BBP. Signals used for manual gain mode, calibration flags,
state machine states, and the ADC output are among the outputs
that can be monitored on these pins.
Control Inputs (CTRL_IN3 to CTRL_IN0)
The AD9364 provides four edge detected control input pins. In
manual gain mode, the BBP can use these pins to change the gain
table index in real time. In transmit mode, the BBP can use two
of the pins to change the transmit gain in real time.
GPO PINS (GPO_3 TO GPO_0)
The AD9364 provides four, 3.3 V capable general-purpose logic
output pins: GPO_3, GPO_2, GPO_1, and GPO_0. These pins
can be used to control other peripheral devices such as regulators
and switches via the AD9364 SPI bus, or they can function as
slaves for the internal AD9364 state machine.
AUXILIARY CONVERTERS
AUXADC
The AD9364 contains an auxiliary ADC that can be used to mon-
itor system functions such as temperature or power output. The
converter is 12 bits wide and has an input range of 0.05 V to
VDDA1P3_BB − 0.05 V. When enabled, the ADC is free running.
SPI reads provide the last value latched at the ADC output. A
multiplexer in front of the ADC allows the user to select between
the AUXADC input pin and a built-in temperature sensor.
AUXDAC1 and AUXDAC2
The AD9364 contains two identical auxiliary DACs that can
provide power amplifier (PA) bias or other system functionality.
The auxiliary DACs are 10 bits wide, have an output voltage range
of 0.5 V to VDD_GPO − 0.3 V, a current drive of 10 mA, and
can be directly controlled by the internal enable state machine.
POWERING THE AD9364
The AD9364 must be powered by the following three supplies:
the analog supply (VDDD1P3_DIG/VDDAx = 1.3 V), the
interface supply (VDD_INTERFACE = 1.8 V), and the GPO
supply (VDD_GPO = 3.3 V).
For applications requiring optimal noise performance, it is
recommended that the 1.3 V analog supply be split and sourced
from low noise, low dropout (LDO) regulators. Figure 74 shows
the recommended method.
Figure 74. Low Noise Power Solution for the AD9364
For applications where board space is at a premium, and
optimal noise performance is not an absolute requirement, the
1.3 V analog rail can be provided directly from a switcher, and a
more integrated power management unit (PMU) approach can
be adopted. Figure 75 shows this approach.
Figure 75. Space-Optimized Power Solution for the AD9364
3.3V
1.8V
1.3V_A
1.3V_B
ADP2164
ADP1755
ADP1755
ADP1755
LDO
ADP5040
1.2A
BUCK
300mA
LDO
300mA
LDO
AD9364
1.3V
VDDD1P3_DIG/VDDAx
1.8V
VDD_INTERFACE
3.3V
VDD_GPO
Rev. C | Page 30 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com