Electronic Components Datasheet Search
  English  ▼

X  

AD9364 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9364
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9364 Datasheet HTML 18Page - Analog Devices AD9364 Datasheet HTML 19Page - Analog Devices AD9364 Datasheet HTML 20Page - Analog Devices AD9364 Datasheet HTML 21Page - Analog Devices AD9364 Datasheet HTML 22Page - Analog Devices AD9364 Datasheet HTML 23Page - Analog Devices AD9364 Datasheet HTML 24Page - Analog Devices AD9364 Datasheet HTML 25Page - Analog Devices AD9364 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Data Sheet
AD9364
Figure 38. Third-Order Input Intercept Point (IIP3) vs. Rx Gain Index,
f1 = 30 MHz, f2 = 61 MHz
Figure 39. Second-Order Input Intercept Point (IIP2) vs. Rx Gain Index,
f1 = 60 MHz, f2 = 61 MHz
Figure 40. Rx Local Oscillator (LO) Leakage vs. Frequency
Figure 41. Rx Emission at LNA Input, DC to 12 GHz, fLO_RX = 2.4 GHz,
LTE 20 MHz, fLO_TX = 2.46 GHz
Figure 42. Tx Output Power vs. Frequency, Attenuation Setting = 0 dB,
Single Tone Output
Figure 43. Tx Power Control Linearity Error vs. Attenuation Setting
–25
–20
–15
–10
–5
0
5
10
15
20
20
28
36
44
52
60
68
76
Rx GAIN INDEX
–40°C
+25°C
+85°C
20
30
40
50
60
70
80
20
28
36
44
52
60
68
76
Rx GAIN INDEX
–40°C
+25°C
+85°C
–130
–125
–120
–115
–110
–105
–100
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–120
–100
–80
–60
–40
–20
0
0
2000
4000
6000
8000
10000
12000
FREQUENCY (MHz)
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
Rev. C | Page 21 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com