Electronic Components Datasheet Search
  English  ▼

X  

SPL10A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SPL10A
Description  7.5KB LCD CONTROLLER/DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPL10A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SPL10A Datasheet HTML 1Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 2Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 3Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SPL10A1
5
2. 32768Hz crystal oscillator or R oscillator (mask option) for LCD scanning and interrupt
sources (2 KHz, LCDL for LCD service,128 Hz, 2Hz). It is suggested
to enable
32768Hz crystal in strong mode for a few seconds and then switch to weak mode
when reset occurs.
X32I
X32O
C1
C2
32768Hz
32768Hz Crystal
20p
20p
+V
DD
X32I
R Oscillator
R
Note: Length of the wiring for X32I and X32O should be as short as possible.
„STOP CLOCK MODE
The SPL10A1 supports the power saving mode for those applications needed very low
standby current. The user can simply enable the wake-up sources then stop the CPU
clock by writing the STOP CLOCK register ($09). The CPU will go to stand-by and the
RAM and I/O remains their previous states until wake-up. There are three sources of
wake-up in this chip, PORT IOEF wake-up, TIMER 0 wake-up and 2 Hz wake-up. After
the chip being waken up, the internal CPU will go to the RESET state the RAM and I/O
are not affected by the wake-up reset. The standby current of timepiece product typically
is less than 3
µA@3V by using this mode and 32768Hz clock source in weak mode.
For non-timepiece products, 32768Hz crystal driver or R oscillator (mask option) that
generates the 32768Hz clock source also can be turned off, then the whole chip stops.
The standby current of the SPL10A1 is less than 1
µA@3V. In this mode, IOEF port can
be used to wake up this chip.
„TIMER/COUNTER
The SPL10A1 contains one 12-bit timer/counter,TM0.In timer mode,TM0 is reloadable
up-counter. When timer overflows from 0FFF to 0000, the carry signal will generate the
INTERRUPT signal if the corresponding bit is enabled in INT ENABLE register ($0D),and
the timer will be auto reloaded to the user‘s setup value and upcount again. If TM0 being
specified as a counter, the user may reset the counter by loading 0 into register $14 and
$1C. After the counter being activated, the count value can also be read from above
registers on-the-fly, the read instruction will not affect the counter's value or reset it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com