Electronic Components Datasheet Search
  English  ▼

X  

SPL10A Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # SPL10A
Description  7.5KB LCD CONTROLLER/DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPL10A Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button SPL10A Datasheet HTML 13Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 14Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 15Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 16Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 17Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 18Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 19Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 20Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
SPL10A1
17
AC CHARACTERISTICS
Limits
Characteristics
Symbol
Min
Typ
Max
Unit
Test condition
OSC frequency
FOSC
-
-
4.0
MHz
VDD = 3.0 V
CPU clock
FCPU
0.01
-
2.0
MHz
FCPU=FOSC
/2@3V
Frame frequency
-
64
-
Hz
1/2 duty
of the LCD drive
-
85
-
Hz
1/3 duty
Ffm1
-
64
-
Hz
1/4 duty
Wake-up time
Tw
6T1
-
-
Hz
T1= 1/(Fosc), Tw = 3 x T1, FCPU = FOSC/2
Sleep
system
clock
CPU
clock
Wake-up
T1
TW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com