Electronic Components Datasheet Search
  English  ▼

X  

SPL10A Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # SPL10A
Description  7.5KB LCD CONTROLLER/DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPL10A Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button SPL10A Datasheet HTML 12Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 13Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 14Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 15Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 16Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 17Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 18Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 19Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
SPL10A1
16
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Ratings
DC supply Voltage
V+
< 7V
Input Voltage Range
VIN
-0.5V to V+ + 0.5V
Operating Temperature
TA
0
: to +60 :
Storage Temperature
TSTO
-50
: to +150 :
DC CHARACTERISTICS
Limit
Characteristics
Symbol
Min
Typ
Max
Unit
Test Condition
Operating Voltage
VDD
2.4
-
5.0
V
Operating Current
IOP
-
350
-
µAF
CPU = 600KHz/3.0V
Standby Current
ISTBY
--
1
µA
VDD = 3.0 V
Current DA output
IOH
-
-1
-
mA
VDD = 3.0 V
Input High Level
VIH
2.0
-
-
V
VDD = 3.0 V
Input Low Level
VIL
-
-
0.8
V
VDD = 3.0 V
Output High I (I/O)
IOH
-300
-
-
µA
VDD = 3.0 V, VOH = 2.4V
Output Sink I (I/O)
IOL
600
-
-
µA
VDD = 3.0 V, VOL = 0.8V
LCD Display Voltage
VLCD
--
VDD
V
LCD
Drive
VDD
2.8
-
3.0
V
VLCD=3V, IO =
 6µA
Output Voltage
VDD2
1.8
-
2.2
V
VLCD=3V, IO =
 3.5µA
VDD1
0.8
-
1.2
V
VLCD=3V, IO =
 3.5µA
VSS
0
-
0.2
V
VLCD=3V, IO =
6
µA
OSC Resistor
ROSC
-
50K
-
ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com