Electronic Components Datasheet Search
  English  ▼

X  

SPL10A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPL10A
Description  7.5KB LCD CONTROLLER/DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPL10A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPL10A Datasheet HTML 1Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 2Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 3Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Sunplus Technology Co., Ltd.
1
Rev. : 1.1
1998.07.19
SPL10A1
7.5KB LCD CONTROLLER/DRIVER
GENERAL DESCRIPTION
The SPL10A1 is a CMOS 8-bit single chip micro-controller which contains LCD drivers,
ROM, SRAM, I/O, timer/counter and audio output on a single chip.
The SPL10A1 is designed to drive LCD directly and perform efficient controller function
as well as arithmetic function. With the on chip crystal oscillator, the clock function is
easily realized. For power saving, a software controllable standby switch is also built-in.
The SPL10A1 is widely used in electronic products requiring very low power operation, for
example, multi-function watch, calendar, calculator, thermometer or LCD game with audio
output.
FEATURES
îCPU: 8-bit SUNPLUS RISC CPU
îOperating voltage: 2.4V to 5.5V
îMaximum CPU clock: 2 MHz @ 3V
îROM capacity: 7.5 K x 8 bits
îRAM capacity: 96 x 8 bits
îDirect Driver for LCD : 4 Commons X 32 Segments
(1/2, 1/3 bias, 1/2, 1/3, 1/4 duty)
îInput Port : 6 input pins with key wakeup function
with 4 different configurations (mask option)
îI/O Port : 2 general I/O pins and 4 special I/O pins
that can implement thermometer and..
îTimer/Counter: one 12-bit timer/counter
î6 Interrupt sources : External Interrupt
Timer Interrupt
2 KHz Interrupt
LCD Service Interrupt (in LCD share mode)
128 Hz Interrupt
2 Hz Interrupt
îDual Clock System : One built-in RC oscillator (only one resistor is needed)
for CPU and one built-in crystal oscillator or RC
oscillator ( mask option ) for LCD scanning.
îAudio or Tone Output : One 7-bit DA single tone melody or speech that can
drive transistor or Tone output that can drive buzzer.
îLow Operating Current : Typical current < 3
µA @ 3V for timepiece product


Similar Part No. - SPL10A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPL10001031B ETC2-SPL10001031B Datasheet
436Kb / 5P
Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
SPL10001031MP ETC2-SPL10001031MP Datasheet
436Kb / 5P
Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
SPL10001031RD ETC2-SPL10001031RD Datasheet
436Kb / 5P
Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
SPL10001031RH ETC2-SPL10001031RH Datasheet
436Kb / 5P
Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
SPL10001031RL ETC2-SPL10001031RL Datasheet
436Kb / 5P
Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
More results

Similar Description - SPL10A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2105 PHILIPS-PCF2105 Datasheet
289Kb / 48P
LCD controller/driver
1998 Jul 30
logo
Sanyo Semicon Device
LC7985NA SANYO-LC7985NA Datasheet
670Kb / 30P
LCD Controller/Driver
LC7986C SANYO-LC7986C Datasheet
712Kb / 32P
LCD Controller/Driver?
logo
AMIC Technology
A31W33128 AMICC-A31W33128 Datasheet
359Kb / 34P
LCD Controller-Driver
A31W65132 AMICC-A31W65132 Datasheet
627Kb / 41P
LCD Controller-Driver
logo
Seiko Instruments Inc
S-4544A SII-S-4544A Datasheet
2Mb / 38P
LCD Controller-Driver
S-4562A SII-S-4562A Datasheet
937Kb / 14P
LCD CONTROLLER DRIVER
logo
OKI electronic componet...
ML9055A OKI-ML9055A Datasheet
377Kb / 59P
LCD Controller/Driver
logo
Motorola, Inc
PCF2104X MOTOROLA-PCF2104X Datasheet
269Kb / 56P
LCD controller/driver
logo
HYCON Technology Corpor...
HY2613 HYCON-HY2613 Datasheet
1Mb / 59P
LCD Controller Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com