Electronic Components Datasheet Search
  English  ▼

X  

SPL10A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SPL10A
Description  7.5KB LCD CONTROLLER/DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPL10A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SPL10A Datasheet HTML 2Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 3Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SPL10A1
6
The clock source of the timer/counter are selectable as the following:
TIMER/COUNTER
ADDR.
CLOCK SOURCE
TM0
12 BIT
TIMER
$0014
CPU CLOCK (T)
or
T/4
$001C
12 BIT
COUNTER
$0014
T/128, T/256,
T/2048
or EXT CLK
$001C
MODE SELECT
REGISTER
$000B
Select TM0 timer or counter
TIMER CLOCK
SELECTOR
$001C
Select T or T/4
„INTERRUPTS
The SPL10A1 has six interrupt sources. They are INT0 ( interrupt fromTIMER 0 ), 2 KHz
INT, LCDL INT (LCD service in share mode, due to LCD registers is shared with the
TIMER/COUNTER ), 128 Hz INT, EXT INT ( external INTERRUPT from IOCD1 ), 2 Hz
INT. The 2KHz INT, LCDL INT (256 Hz in 1/3, 1/4 bias;128 Hz in 128 Hz), 128 Hz INT,
2Hz INT, all are divided from 32768 Hz Crystal Oscillator.
„AUDIO (MELODY/SPEECH) / TONE OUTPUT
The SPL10A1 provides both speech and single tone melody output in current DA type
that can drive SPEAKER through transistor. Also, the SPL10A1 provides TONE output
that can directly drive BUZZER. The two modes, current DA and tone, share the same
AUD pin. In current DA mode, it should smoothly switch current DA output current to zero
by using speech mode to reduce noise to turn off current DA. The current DA should be
turned off when not used due to the current consumption. The TONE output is a full-swing
(VDD and VSS) signal and its frequency source is the frequency of TIMER Carry divided
by 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com