Electronic Components Datasheet Search
  English  ▼

X  

HMC8200LP5ME Datasheet(PDF) 4 Page - Analog Devices

Part # HMC8200LP5ME
Description  High linearity: supports modulations to 1024 QAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8200LP5ME Datasheet(HTML) 4 Page - Analog Devices

  HMC8200LP5ME Datasheet HTML 1Page - Analog Devices HMC8200LP5ME Datasheet HTML 2Page - Analog Devices HMC8200LP5ME Datasheet HTML 3Page - Analog Devices HMC8200LP5ME Datasheet HTML 4Page - Analog Devices HMC8200LP5ME Datasheet HTML 5Page - Analog Devices HMC8200LP5ME Datasheet HTML 6Page - Analog Devices HMC8200LP5ME Datasheet HTML 7Page - Analog Devices HMC8200LP5ME Datasheet HTML 8Page - Analog Devices HMC8200LP5ME Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Data Sheet
HMC8200LP5ME
Rev. B | Page 3 of 25
SPECIFICATIONS
TA = 25°C, IF frequency = 350 MHz, local oscillator (LO) input signal level = 0 dBm, RF input signal level = −31 dBm per tone, DGA
setting (dec) = 35 (maximum gain), VGA setting = 3.3 V (maximum gain), sideband select = lower sideband, unless otherwise noted.
ELECTRICAL CHARACTERISTICS: 800 MHz TO 1800 MHz RF FREQUENCY RANGE
Table 1.
Parameter
Min
Typ
Max
Unit
OPERATING CONDITIONS
LO Frequency Range
300
2300
MHz
IF Frequency Range
200
700
MHz
IF INPUT INTERFACE
Input Impedance
50
Ω
Return Loss
20
dB
LOG IF Power Detector1 dB Dynamic Range
50
dB
LOG IF Power Detector Range
−30
+10
dBm
LOG IF Power Detector Slope
37
mV/dB
Square Log Power Detector Range
17
dB
RF OUTPUT INTERFACE
Input Impedance
50
Ω
Return Loss
7
13
dB
LOG Power Detector1 dB Dynamic Range
50
dB
LOG Power Detector Range
−25
+10
dBm
LOG Power Detector Slope
37
mV/dB
LO INPUT INTERFACE
Input Impedance
50
Ω
Return Loss
7
12
dB
DYNAMIC PERFORMANCE
Conversion Gain
30
34
dB
Digital VGA Dynamic Range
30
35
dB
Analog VGA Dynamic Range
23
27
dB
Sideband Rejection1
28
32
dBc
Noise Figure
6
dB
Output Third-Order Intercept (OIP3)
28
31
dBm
Output 1 dB Compression Point (OP1dB)
11
15
dBm
LO to RF Rejection1
30
dBc
IF to RF Rejection
56
63
dBc
POWER SUPPLY
Supply Voltage
VCCx
3.3
V
VCC_VGA2
3.3
V
Supply Current
VCCx
540
mA
VCC_VGA2
11
μA
1
Measurement was taken uncalibrated.
2
VCC_VGA can be adjusted from 3.3 V (maximum gain) to 0 V (minimum gain) to control the RF VGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com