Electronic Components Datasheet Search
  English  ▼

X  

HMC8200LP5ME Datasheet(PDF) 1 Page - Analog Devices

Part # HMC8200LP5ME
Description  High linearity: supports modulations to 1024 QAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8200LP5ME Datasheet(HTML) 1 Page - Analog Devices

  HMC8200LP5ME Datasheet HTML 1Page - Analog Devices HMC8200LP5ME Datasheet HTML 2Page - Analog Devices HMC8200LP5ME Datasheet HTML 3Page - Analog Devices HMC8200LP5ME Datasheet HTML 4Page - Analog Devices HMC8200LP5ME Datasheet HTML 5Page - Analog Devices HMC8200LP5ME Datasheet HTML 6Page - Analog Devices HMC8200LP5ME Datasheet HTML 7Page - Analog Devices HMC8200LP5ME Datasheet HTML 8Page - Analog Devices HMC8200LP5ME Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Intermediate Frequency Transmitter,
800 MHz to 4000 MHz
Data Sheet
HMC8200LP5ME
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license isgranted by implication or otherwise under any patent or patent rightsofAnalog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High linearity: supports modulations to 1024 QAM
Tx IF range: 200 MHz to 700 MHz
Tx RF range: 800 MHz to 4000 MHz
Tx power control: 25 dB
SPI controlled interface
32-lead, 5 mm × 5 mm LFCSP package
APPLICATIONS
Point to point communications
Satellite communications
Wireless microwave backhaul systems
FUNCTIONAL BLOCK DIAGRAM
17
18
19
20
21
22
23
24
ENV_N
D2S_OUT
VCC_D2S
VVA_IN
VGA_VCTRL
VCC_VGA
TX_OUT
VCC_AMP
PACKAGE
BASE
SDO
DVDD
RST
BB_IP
BB_IN
VCC_DGA
BB_QN
BB_QP
1
3
4
2
5
6
7
8
SPI
BAND
GAP
HMC8200
Figure 1.
GENERAL DESCRIPTION
The HMC8200LP5ME is a highly integrated intermediate
frequency (IF) transmitter chip that converts the industry
standard 300 MHz to 400 MHz IF input signals to an 800 MHz to
4000 MHz single-ended radio frequency (RF) signal at its output.
The IF transmitter chip is housed in a compact 5 mm × 5 mm
LFCSP package and supports complex modulations up to
1024 QAM. The HMC8200LP5ME simultaneously reduces the
design complexity of traditional microwave radios while realizing
significant size and cost improvements. With IF input power
ranges from −31 dBm to +4 dBm, the HMC8200LP5ME
provides 35 dB of digital gain control in 1 dB steps and an
analog voltage gain amplifier (VGA) continuously controls the
transmitter output power from −20 dBm to +5 dBm.
The device also features three integrated power detectors. The
first detector (LOG_IF) can be utilized to monitor the IF input
power. The second detector (SLPD_OUT) is a square law power
detector that monitors the power entering the mixer. The third
power detector (LOG_RF) is used to monitor the output power,
which can be used for fine output power adjustment.


Similar Part No. - HMC8200LP5ME

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8205BF10 AD-HMC8205BF10 Datasheet
273Kb / 14P
GaN Power Amplifier
Aug-2017
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
1Mb / 12P
FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO 1095 - 1275, 2190 - 2550, 4380 - 5100 MHz
logo
Analog Devices
HMC820LP6CE AD-HMC820LP6CE Datasheet
879Kb / 12P
FRACTIONAL-N PLLs w/ INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE_10 Datasheet
1Mb / 12P
FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO 1095 - 1275, 2190 - 2550, 4380 - 5100 MHz
More results

Similar Description - HMC8200LP5ME

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS3810 ETC1-CS3810 Datasheet
265Kb / 12P
32 QAM Demodulator
logo
Texas Instruments
TVP9900 TI-TVP9900 Datasheet
906Kb / 65P
VSB/QAM Receiver
logo
Hittite Microwave Corpo...
HMC6001LP711E HITTITE-HMC6001LP711E Datasheet
1Mb / 18P
WiGig Single Carrier Modulations
logo
Skyworks Solutions Inc.
SKY77733 SKYWORKS-SKY77733 Datasheet
147Kb / 2P
QPSK, 16QAM modulations
SKY77736 SKYWORKS-SKY77736 Datasheet
74Kb / 2P
QPSK, 16QAM modulations
SKY77737 SKYWORKS-SKY77737 Datasheet
98Kb / 2P
QPSK, 16QAM modulations
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
High linearity
logo
Analog Devices
HMC8100 AD-HMC8100 Datasheet
706Kb / 28P
High linearity: supports modulations to 1024 QAM
Rev. A
logo
STMicroelectronics
STPTIC-39G2 STMICROELECTRONICS-STPTIC-39G2 Datasheet
481Kb / 11P
High linearity
09-Jul-2015
logo
Skyworks Solutions Inc.
SKY85330-21 SKYWORKS-SKY85330-21 Datasheet
237Kb / 2P
2.4 GHz, 1024 QAM WLAN Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com