Electronic Components Datasheet Search
  English  ▼

X  

HMC8200LP5ME Datasheet(PDF) 14 Page - Analog Devices

Part # HMC8200LP5ME
Description  High linearity: supports modulations to 1024 QAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8200LP5ME Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC8200LP5ME Datasheet HTML 10Page - Analog Devices HMC8200LP5ME Datasheet HTML 11Page - Analog Devices HMC8200LP5ME Datasheet HTML 12Page - Analog Devices HMC8200LP5ME Datasheet HTML 13Page - Analog Devices HMC8200LP5ME Datasheet HTML 14Page - Analog Devices HMC8200LP5ME Datasheet HTML 15Page - Analog Devices HMC8200LP5ME Datasheet HTML 16Page - Analog Devices HMC8200LP5ME Datasheet HTML 17Page - Analog Devices HMC8200LP5ME Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Data Sheet
HMC8200LP5ME
Rev. B | Page 13 of 25
–10
–5
0
5
10
15
20
25
30
35
40
+85°C
+25°C
–40°C
0
5
10
15
20
25
30
35
DGA (Word)
Figure 33. Conversion Gain vs. DGA Word over Temperature, RF = 1 GHz,
Measurement Conducted with VCC_VGA = 3.3 V (Maximum Gain) on RF VGA
–20
–5
–10
–15
0
5
10
15
20
25
30
35
+85°C
+25°C
–40°C
0
5
10
15
20
25
30
35
DGA (Word)
Figure 34. Conversion Gain vs. DGA Word over Temperature, RF = 4 GHz,
Measurement Conducted with VCC_VGA = 3.3 V (Maximum Gain) on RF VGA
0
5
10
15
20
25
30
35
DGA (Word)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
+85°C
+25°C
–40°C
Figure 35. Conversion Gain Step vs. DGA Word over Temperature, RF =
1 GHz, Measurement Conducted with VCC_VGA = 3.3 V (Maximum Gain) on
RF VGA
0
5
10
15
20
25
30
35
DGA (Word)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
+85°C
+25°C
–40°C
Figure 36. Conversion Gain Step vs. DGA Word over Temperature,
RF = 2 GHz
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
RF FREQUENCY (GHz)
–30
–20
–25
–15
–10
–5
0
5
10
15
20
25
30
35
40
DGA = 35
DGA = 30
DGA = 25
DGA = 20
DGA = 15
DGA = 10
DGA = 5
DGA = 0
Figure 37. Output IP3 vs. RF Frequency over DGA Word, Measurement
Conducted with VCC_VGA = 3.3 V (Maximum Gain) on RF VGA
–30
–20
–25
–15
–10
–5
0
5
10
15
20
25
30
35
40
+85°C
+25°C
–40°C
0
5
10
15
20
25
30
35
DGA (Word)
Figure 38. Output IP3 vs. DGA Word over Temperature, RF = 2 GHz,
Measurement Conducted with VCC_VGA = 3.3 V (Maximum Gain) on RF VGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com