Electronic Components Datasheet Search
  English  ▼

X  

HMC8200LP5ME Datasheet(PDF) 3 Page - Analog Devices

Part # HMC8200LP5ME
Description  High linearity: supports modulations to 1024 QAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8200LP5ME Datasheet(HTML) 3 Page - Analog Devices

  HMC8200LP5ME Datasheet HTML 1Page - Analog Devices HMC8200LP5ME Datasheet HTML 2Page - Analog Devices HMC8200LP5ME Datasheet HTML 3Page - Analog Devices HMC8200LP5ME Datasheet HTML 4Page - Analog Devices HMC8200LP5ME Datasheet HTML 5Page - Analog Devices HMC8200LP5ME Datasheet HTML 6Page - Analog Devices HMC8200LP5ME Datasheet HTML 7Page - Analog Devices HMC8200LP5ME Datasheet HTML 8Page - Analog Devices HMC8200LP5ME Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
HMC8200LP5ME
Data Sheet
Rev. B | Page 2 of 25
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics: 800 MHz to 1800 MHz RF
Frequency Range .......................................................................... 3
Electrical Characteristics: 1800 MHz to 2800 MHz RF
Frequency Range .......................................................................... 4
Electrical Characteristics: 2800 MHz to 4000 MHz RF
Frequency Range .......................................................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution...................................................................................6
Pin Configuration and Function Descriptions..............................7
Typical Performance Characteristics ..............................................8
Theory of Operation ...................................................................... 18
Register Array Assignments and Serial Interface................... 18
Register Descriptions..................................................................... 20
Register Array Assignments...................................................... 20
Evaluation Printed Circuit Board (PCB)..................................... 23
Evaluation PCB Schematic........................................................ 24
Outline Dimensions....................................................................... 25
Ordering Guide .......................................................................... 25
REVISION HISTORY
6/2016—v01.0216 to Rev. B
This Hittite Microwave Products data sheet has been reformatted
to meet the styles and standards of Analog Devices, Inc.
Updated Format..................................................................Universal
Added Pin Configuration Diagram, Renumbered
Sequentially ....................................................................................... 7
Added Ordering Guide.................................................................. 22
Change to y-Axis Label, Figure 42................................................14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com