Electronic Components Datasheet Search
  English  ▼

X  

HMC8200LP5ME Datasheet(PDF) 22 Page - Analog Devices

Part # HMC8200LP5ME
Description  High linearity: supports modulations to 1024 QAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8200LP5ME Datasheet(HTML) 22 Page - Analog Devices

Back Button HMC8200LP5ME Datasheet HTML 18Page - Analog Devices HMC8200LP5ME Datasheet HTML 19Page - Analog Devices HMC8200LP5ME Datasheet HTML 20Page - Analog Devices HMC8200LP5ME Datasheet HTML 21Page - Analog Devices HMC8200LP5ME Datasheet HTML 22Page - Analog Devices HMC8200LP5ME Datasheet HTML 23Page - Analog Devices HMC8200LP5ME Datasheet HTML 24Page - Analog Devices HMC8200LP5ME Datasheet HTML 25Page - Analog Devices HMC8200LP5ME Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Data Sheet
HMC8200LP5ME
Rev. B | Page 21 of 25
Digital Gain Amplifier: DGA Control
Table 7. Digital Gain Amplifier (Address 0x03)
Bit No.
Bit Name
Description
Reset
Access
15
Reserved
Not used
0x0
R/W
[14:9]
DGA_CTRL
Override SPI FIL2_FRQ_SET and use 8-bit word from OTP
0x0
R/W
0 = minimum gain
1 = …
100011 = maximum gain
[8:0]
Reserved
Not used
0x0
R/W
Digital Gain Amplifier: Amplifier Current, Envelope Level, and VGA Attenuation Bias
Table 8. Digital Gain Amplifier, (Address 0x04)
Bit No.
Bit Name
Description
Reset
Access
[15:9]
Reserved
Not used
0000111
R/W
[8:7]
AMP_CUR
Amplifier current
11
R/W
[6:2]
ENV_LVL
Envelope level
11100
R/W
[1:0]
VGA_ATT_BIAS
VGA attenuation bias
10
R/W
Image Reject Mixer: Sideband, and Polarity and Offset for I
Table 9. Image Reject Mixer Register, (Address 0x05)
Bit No.
Bit Name
Description
Reset
Access
[15:12]
Reserved
Reserved
0010
Logic 0010 for normal operation
11
IRM_IS
Image sideband
1
R/W
0 = upper sideband
1 = lower sideband
[10:9]
Reserved
Reserved
01
R/W
Logic 01 for normal operation
8
OFFSET_POLARITY_I
Offset Polarity I
0
R/W
[7:0]
IRM_OFFSET_I
Image reject mixer offset for I
0x0
R/W
Image Reject Mixer: Polarity and Offset for Q
Table 10. Image Reject Mixer Register, (Address 0x06)
Bit No.
Bit Name
Description
Reset
Access
[15:9]
Reserved
Not used
1111000
R/W
8
OFFSET_POLARITY_Q
Offset Polarity Q
0
R/W
[7:0]
IRM_OFFSET_Q
Image reject mixer offset for Q
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com