Electronic Components Datasheet Search
  English  ▼

X  

HMC8200LP5ME Datasheet(PDF) 16 Page - Analog Devices

Part # HMC8200LP5ME
Description  High linearity: supports modulations to 1024 QAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8200LP5ME Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC8200LP5ME Datasheet HTML 12Page - Analog Devices HMC8200LP5ME Datasheet HTML 13Page - Analog Devices HMC8200LP5ME Datasheet HTML 14Page - Analog Devices HMC8200LP5ME Datasheet HTML 15Page - Analog Devices HMC8200LP5ME Datasheet HTML 16Page - Analog Devices HMC8200LP5ME Datasheet HTML 17Page - Analog Devices HMC8200LP5ME Datasheet HTML 18Page - Analog Devices HMC8200LP5ME Datasheet HTML 19Page - Analog Devices HMC8200LP5ME Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Data Sheet
HMC8200LP5ME
Rev. B | Page 15 of 25
0
–5
–10
–15
–20
–25
–30
–40
–35
–35
–50
–55
–60
–70
–65
–75
DGA (Word)
0
5
10
20
30
15
25
35
+85°C
+25°C
–40°C
Figure 45. IM3 vs. DGA Word over Temperature, RF = 1 GHz, Measurement
Conducted with VCC_VGA = 3.3 V (Maximum Gain) on RF VGA
0
–5
–10
–15
–20
–25
–30
–40
–35
–35
–50
–55
–60
–70
–65
–75
DGA (Word)
0
5
10
20
30
15
25
35
+85°C
+25°C
–40°C
Figure 46. IM3 vs. DGA Word over Temperature, RF = 4 GHz, Measurement
Conducted with VCC_VGA = 3.3 V (Maximum Gain) on RF VGA
55
50
45
40
35
30
25
15
20
10
5
0
RF FREQUENCY (GHz)
0.8
1.2
1.6
2.4
3.2
2.0
2.8
3.6
4.0
DGA = 0
DGA = 9
DGA = 18
DGA = 27
DGA = 35
Figure 47. Noise Figure vs. RF Frequency over DGA Word at VCC_VGA = 1.5 V
55
50
45
40
35
30
25
15
20
10
5
0
RF FREQUENCY (GHz)
0.8
1.2
1.6
2.4
3.2
2.0
2.8
3.6
4.0
DGA = 0
DGA = 9
DGA = 18
DGA = 27
DGA = 35
Figure 48. Noise Figure vs. RF Frequency over DGA Word at VCC_VGA = 0 V
0.050
0.045
0.040
0.035
0.030
0.025
0.020
0.010
0.015
0.005
0
INPUT POWER (dBm)
–50
–43
–36
–22
–29
–15
RF = 1GHz AT +85°C
RF = 1GHz AT +25°C
RF = 1GHz AT –40°C
RF = 1GHz AT +85°C
RF = 1GHz AT +25°C
RF = 1GHz AT –40°C
RF = 1GHz AT +85°C
RF = 1GHz AT +25°C
RF = 1GHz AT –40°C
Figure 49. Log IF Detector Sensitivity vs. Input Power over Temperature and
RF Frequency
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.2
1.4
1.0
OUTPUT POWER (dBm)
–30 –27 –24
–15
–3
–21
–9
3
–18
–6
–12
0
6
0.8GHz
1GHz
2GHz
3GHz
4GHz
Figure 50. Log RF Detector vs. Output Power over RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com