Electronic Components Datasheet Search
  English  ▼

X  

HMC8200LP5ME Datasheet(PDF) 8 Page - Analog Devices

Part # HMC8200LP5ME
Description  High linearity: supports modulations to 1024 QAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8200LP5ME Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC8200LP5ME Datasheet HTML 4Page - Analog Devices HMC8200LP5ME Datasheet HTML 5Page - Analog Devices HMC8200LP5ME Datasheet HTML 6Page - Analog Devices HMC8200LP5ME Datasheet HTML 7Page - Analog Devices HMC8200LP5ME Datasheet HTML 8Page - Analog Devices HMC8200LP5ME Datasheet HTML 9Page - Analog Devices HMC8200LP5ME Datasheet HTML 10Page - Analog Devices HMC8200LP5ME Datasheet HTML 11Page - Analog Devices HMC8200LP5ME Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Data Sheet
HMC8200LP5ME
Rev. B | Page 7 of 25
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24 ENV_N
23 D2S_OUT
22 VCC_D2S
21 VVA_IN
20 VGA_VCTRL
19 VCC_VGA
18 TX_OUT
17 VCC_AMP
1
2
3
4
5
6
7
8
SDO
DVDD
RST
BB_IP
BB_IN
VCC_DGA
BB_QN
BB_QP
HMC8200
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT EXPOSED GROUND PADDLE TO RF/DC GROUND.
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No. Mnemonic
Description
1
SDO
SPI Serial Data Output.
2
DVDD
SPI Digital Supply. Refer to Figure 64 for the required external components.
3
RST
SPI Reset. Connect to logic high for normal operation.
4, 5
BB_IP, BB_IN
Positive and Negative Filter Baseband IF I Inputs.
6
VCC_DGA
Power Supply for the Digital Variable Gain Amplifier. Refer to Figure 64 for the required external components.
7, 8
BB_QN, BB_QP
Negative and Positive Filter Baseband IF Q Inputs.
9
TX_IFIN
Transmit (Tx) IF Input, Intermediate Frequency Input Port. This pin is matched to 50 Ω.
10
DGA_S1_OUT
Power Supply for the First Stage Digital Gain Amplifier. This pin is matched to 50 Ω. Refer to Figure 64 for the
required external components.
11
DGA_S2_IN
Second Stage Digital Gain Amplifier Input.
12
LOG_IF
IF Log Detector Output.
13
SLPD_OUT
Square Law Detector Output.
14
VCC_BG
Band Gap Supply. Power Supply Voltage for the Bias Controller. Refer to Figure 64 for the required external
components.
15
LOG_RF
RF Log Detector Output.
16
VCC_LOG
RF Log Detector Supply. Refer to Figure 64 for the required external components.
17
VCC_AMP
Power Supply for the RF Output Amplifier. Refer to Figure 64 for the required external components.
18
TX_OUT
Tx Chip Output.
19
VCC_VGA
Power Supply for the Variable Gain Amplifier. Refer to Figure 64 for the required external components.
20
VGA_VCTRL
VGA Control Voltage. Refer to Figure 64 for the required external components.
21
VVA_IN
VVA Intermediate Frequency Input Port. This pin is matched to 50 Ω.
22
VCC_D2S
Differential to Single Amplifier Supply. Refer to Figure 64 for the required external components.
23
D2S_OUT
Differential to Single Amplifier Intermediate Frequency Output Port. This pin is matched to 50 Ω.
24, 25
ENV_N, ENV_P
Envelope Detector Outputs.
26
VCC_ENV
Envelope Detector Supply. Refer to Figure 64 for the required external components.
27
VCC_IRM
Power Supply for the Mixer Output. Refer to Figure 64 for the required external components.
28, 29
LO_N, LO_P
Local Oscillator Inputs. These pins are ac-coupled and matched to 50 Ω.
30
SEN
SPI Serial Enable.
31
SCLK
SPI Clock Digital Input.
32
SDI
SPI Serial Data Input.
EPAD
Exposed Pad. Connect exposed ground paddle to RF/dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com