Electronic Components Datasheet Search
  English  ▼

X  

WM8776 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
Product Preview
WM8776
w
PP Rev 1.91 June 2004
41
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
0000110
Phase Swaps
1:0
PHASE
00
Controls phase of DAC outputs (LEFT, RIGHT channel)
0: Sets non inverted output phase
1: inverts phase of DAC output
0
DZCEN
0
DAC Digital Volume Zero Cross Enable:
0: Zero Cross detect disabled
1: Zero Cross detect enabled
1
ATC
0
Attenuator Control
0: All DACs use attenuations as programmed.
1: Right DAC uses left DAC attenuations
2
IZD
0
Infinite zero detection circuit control and automute control
0: Infinite zero detect automute disabled
1: Infinite zero detect automute enabled
3
TOD
0
DAC and ADC Analogue Zero cross detect timeout disable
0 : Timeout enabled
1: Timeout disabled
DAC Output Control
PL[3:0]
Left
Output
Right
Output
PL[3:0]
Left
Output
Right
Output
0000
Mute
Mute
1000
Mute
Right
0001
Left
Mute
1001
Left
Right
0010
Right
Mute
1010
Right
Right
0011
(L+R)/2
Mute
1011
(L+R)/2
Right
0100
Mute
Left
1100
Mute
(L+R)/2
0101
Left
Left
1101
Left
(L+R)/2
0110
Right
Left
1110
Right
(L+R)/2
R7 (07h)
0000111
DAC Control
7:4
PL[3:0]
1001
0111
(L+R)/2
Left
1111
(L+R)/2
(L+R)/2
R8 (08h)
0001000
DAC Mute
0
DMUTE
0
DAC channel soft mute enables:
0: mute disabled
1: mute enabled
0
DEEMPH
0
De-emphasis mode select:
0 : Normal Mode
1: De-emphasis Mode
DZFM
ZFLAG1
ZFLAG2
R9 (09h)
0001001
DAC Control
2:1
DZFM
00
00
01
10
11
disabled
left channels zero
both channels zero
either channel zero
disabled
right channels zero
both channels zero
either channel zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com