Electronic Components Datasheet Search
  English  ▼

X  

WM8776 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
Product Preview
WM8776
w
PP Rev 1.91 June 2004
37
ADC INPUT MIXER AND POWERDOWN CONTROL
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (15h)
0010101
ADC Input Mux
4:0
AMX[4:0]
00001
ADC left channel input mixer
control bits (see Table 16)
R13 (0Dh)
0001101
Powerdown Control
6
AINPD
0
Input mux and buffer powerdown
0: Input mux and buffer
enabled
1: Input mux and buffer
powered down
Register bits AMX[4:0] control the left and right channel inputs into the stereo ADC. The
default is AIN1. One bit of AMX is allocated to each stereo input pair to allow the signals to
be mixed before being digitised by the ADC. For example, if AMX[4:0] is 00101, the input
signal to the ADC will be (AIN1L+AIN3L) on the left channel and (AIN1R+AIN3R) on the right
channel.
However if the analogue input buffer is powered down, by setting AINPD, then all 5-channel
mixer inputs are switched to buffered VMIDADC.
AMX[4:0]
LEFT ADC INPUT
RIGHT ADC INPUT
00001
AIN1L
AIN1R
00010
AIN2L
AIN2R
00100
AIN3L
AIN3R
01000
AIN4L
AIN4R
10000
AIN5L
AIN5R
Table 16 ADC Input Mixer
AIN1L/R
AIN2L/R
AIN3L/R
AIN4L/R
AIN5L/R
AMX[0]
AMX[1]
AMX[2]
AMX[3]
AMX[4]
Figure 24 ADC Input Mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com