Electronic Components Datasheet Search
  English  ▼

X  

WM8776 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
WM8776
Product Preview
w
PP Rev 1.91 June 2004
14
AUDIO DATA SAMPLING RATES
In a typical digital audio system there is only one central clock source producing a reference
clock to which all audio data processing is synchronised. This clock is often referred to as the
audio system’s Master Clock. The WM8776 uses separate master clocks for the ADC and
DAC. The external master system clocks can be applied directly through the ADCMCLK and
DACMCLK input pins with no software configuration necessary. In a system where there are
a number of possible sources for the reference clock it is recommended that the clock source
with the lowest jitter be used to optimise the performance of the ADC and DAC.
The master clock for WM8776 supports DAC and ADC audio sampling rates from 256fs to
768fs, where fs is the audio sampling frequency (DACLRC or ADCLRC) typically 32kHz,
44.1kHz, 48kHz or 96kHz (the DAC also supports operation at 128fs and 192fs and 192kHz
sample rate). The master clock is used to operate the digital filters and the noise shaping
circuits.
In Slave mode the WM8776 has a master detection circuit that automatically determines the
relationship between the master clock frequency and the sampling rate (to within +/- 32
system clocks). If there is a greater than 32 clocks error the interface is disabled and
maintains the output level at the last sample. The master clock should be synchronised with
ADCLRC/DACLRC for optical performance, although the WM8776 is tolerant of phase
variations or jitter on this clock. Table 6 shows the typical master clock frequency inputs for
the WM8776.
The signal processing for the WM8776 typically operates at an oversampling rate of 128fs for
both ADC and DAC. The exception to this for the DAC is for operation with a 128/192fs
system clock, e.g. for 192kHz operation where the oversampling rate is 64fs. For ADC
operation at 96kHz it is recommended that the user set the ADCOSR bit. This changes the
ADC signal processing oversample rate to 64fs.
System Clock Frequency (MHz)
128fs
192fs
SAMPLING
RATE
(DACLRC/
ADCLRC)
DAC ONLY
256fs
384fs
512fs
768fs
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable Unavailable Unavailable
Unavailable
Table 6 System Clock Frequencies Versus Sampling Rate
In Master mode DACBCLK, ADCBCLK, DACLRC and ADCLRC are generated by the
WM8776. The frequencies of ADCLRC and DACLRC are set by setting the required ratio of
DACMCLK to DACLRC and ADCMCLK to ADCLRC using the DACRATE and ADCRATE
control bits (Table 7).
ADCRATE[2:0]/
DACRATE[2:0]
ADCMCLK/DACMCLK:
ADCLRC/DACLRC
RATIO
000
128fs (DAC Only)
001
192fs (DAC Only)
010
256fs
011
384fs
100
512fs
101
768fs
Table 7 Master Mode MCLK:ADCLRC/DACLRC Ratio Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com