Electronic Components Datasheet Search
  English  ▼

X  

WM8776 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
WM8776
Product Preview
w
PP Rev 1.91 June 2004
26
ADC MUTE
Each ADC channel also has an individual mute control bit, which mutes the input to the ADC
PGA. By setting the LRBOTH bit (reg22, bit 8) both channels can be muted simultaneously.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (15h)
0010101
ADC Mute Left
7
MUTELA
0
ADC Mute select
0 : Normal Operation
1: mute ADC left
R21 (15h)
0001111
ADC Mute Right
6
MUTERA
0
ADC Mute select
0 : Normal Operation
1: mute ADC right
DE-EMPHASIS MODE
The De-emphasis filter for the DAC is enabled under the control of DEEMP.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
0001001
DAC De-emphasis
Control
0
DEEMPH
0
De-emphasis mode select:
0 : Normal Mode
1: De-emphasis Mode
Refer to Figure 34, Figure 35, Figure 36, Figure 37, Figure 38 and Figure 39 for details of the
De-Emphasis modes at different sample rates.
POWERDOWN MODE AND ADC/DAC DISABLE
Setting the PDWN register bit immediately powers down the WM8776, including the
references, overriding all other powerdown control bits. All trace of the previous input
samples is removed, but all control register settings are preserved. When PDWN is cleared,
the digital filters will be re-initialised. It is recommended that the 5-channel input mux and
buffer, ADC and DAC are powered down before setting PDWN.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13 (0Dh)
0001101
Powerdown Control
0
PDWN
0
Power Down Mode Select:
0 : Normal Mode
1: Power Down Mode
The ADC, DAC and HEADPHONE PGA’S may also be powered down by setting the ADCD
and DACD disable bits. Setting ADCD will disable the ADC and select a low power mode.
The ADC digital filters will be reset and will reinitialise when ADCD is reset. The DAC has a
separate disable DACD. Setting DACD will disable the DAC, mixer and output PGAs.
Resetting DACD will reinitialise the digital filters.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
ADCPD
0
ADC Powerdown:
0 : Normal Mode
1: Power Down Mode
2
DACPD
0
DAC Powerdown:
0 : Normal Mode
1: Power Down Mode
R13 (0Dh)
0001101
Powerdown Control
3
HPPD
1
Headphone output/PGA Power
down :
0 : HP out enabled
1 : HP out disabled
The analogue audio inputs and outputs can also be individually powered down by setting the
relevant bits in the powerdown register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com