Electronic Components Datasheet Search
  English  ▼

X  

WM8776 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
Product Preview
WM8776
w
PP Rev 1.91 June 2004
43
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
ADCRATE[2:0]
010
Master Mode ADCMCLK:ADCLRC ratio select:
010: 256fs
011: 384fs
100: 512fs
3
ADCOSR
0
ADC oversample rate select
0: 128x oversampling
1: 64x oversapmling
6:4
DACRATE[2:0]
010
Master Mode DACMCLK:DACLRC ratio select:
000: 128fs
001: 192fs
010: 256fs
011: 384fs
100: 512fs
7
DACMS
0
DAC Maser/Slave interface mode select
0: Slave Mode – DACLRC and DACBCLK are inputs
1: Master Mode –DACLRC and DACBCLK are outputs
R12 (0Ch)
0001100
Master Mode
Control
8
ADCMS
0
ADC Maser/Slave interface mode select
0: Slave Mode – ADCLRC and ADCBCLK are inputs
1: Master Mode – ADCLRC and ADCBCLK are outputs
0
PDWN
0
Chip Powerdown Control (works in tandem with ADCD and
DACD):
0: All circuits running, outputs are active
1: All circuits in power save mode, outputs muted
1
ADCPD
0
ADC powerdown:
0: ADC enabled
1: ADC disabled
2
DACPD
0
DAC powerdown
0: DAC enabled
1: DAC disabled
3
HPPD
1
Headphone Output/PGA’s powerdown
0: Headphone out enabled
1: Headphone out disabled
R13 (0Dh)
0001101
PWR Down
Control
6
AINPD
0
AINPD powerdown
0: ANALOGUE INPUT enabled
1: ANALOGUE INPUT disabled
7:0
LAG[7:0]
11001111
(0dB)
Attenuation data for Left channel ADC gain in 0.5dB steps.
00000000 : digital mute
00000001 : -103dB
………..
11001111 : 0dB
…………
11111110 : +23.5dB
11111111 : +24dB
R14 (0Eh)
0001110
Attenuation
ADCL
8
ZCLA
0
Left ADC zero cross enable:
0: Zero cross disabled
1: Zero cross enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com