Electronic Components Datasheet Search
  English  ▼

X  

WM8776 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
Product Preview
WM8776
w
PP Rev 1.91 June 2004
25
ADC OVERSAMPLING RATE SELECT
For ADC operation at 96kHz it is recommended that the user set the ADCOSR bit. This
changes the ADC signal processing oversample rate to 64fs.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
0001100
ADC Oversampling Rate
3
ADCOSR
0
ADC oversampling rate select
0: 128x oversampling
1: 64x oversampling
MUTE MODES
Setting MUTE for the DAC will apply a ‘soft’ mute to the input of the digital filters of the
channel muted.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
0001000
DAC Mute
0
DMUTE
0
DAC Soft Mute select
0 : Normal Operation
1: Soft mute enabled
Figure 21 Application and Release of Soft Mute
Figure 21 shows the application and release of DMUTE whilst a full amplitude sinusoid is
being played at 48kHz sampling rate. When DMUTE (lower trace) is asserted, the output
(upper trace) begins to decay exponentially from the DC level of the last input sample. The
output will decay towards VMID with a time constant of approximately 64 input samples. If
DMUTE is applied to both channels for 1024 or more input samples the DAC will be muted if
IZD is set. When DMUTE is de-asserted, the output will restart immediately from the current
input sample.
Note that all other means of muting the DAC: setting the PL[3:0] bits to 0, setting the PDWN
bit or setting attenuation to 0 will cause much more abrupt muting of the output.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com