Electronic Components Datasheet Search
  English  ▼

X  

WM8776 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
Product Preview
WM8776
w
PP Rev 1.91 June 2004
15
Table 8 shows the settings for ADCRATE and DACRATE for common sample rates and
ADCMCLK/DACMCLK frequencies.
System Clock Frequency (MHz)
128fs
192fs
256fs
384fs
512fs
768fs
SAMPLING
RATE
(DACLRC/
ADCLRC)
DACRATE
=000
DACRATE
=001
ADCRATE/
DACRATE
=010
ADCRATE/
DACRATE
=011
ADCRATE/
DACRATE
=100
ADCRATE/
DACRATE
=101
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Table 8 Master Mode ADC/DACLRC Frequency Selection
ADCBCLK and DACBCLK are also generated by the WM8776. The frequency of ADCBCLK
and DACBCLK depends on the mode of operation.
In 128/192fs modes (DACRATE=000 or 001) BCLK = MCLK/2. In 256/384/512fs modes
(ADCRATE/DACRATE=010 or 011 or 100) BCLK = MCLK/4. However if DSP mode is
selected as the audio interface mode then BCLK=MCLK. Note that DSP mode cannot be
used in 128fs mode for word lengths greater than 16 bits or in 192fs mode for word lengths
greater than 24 bits.
ZERO DETECT
The WM8776 has a zero detect circuit for each DAC channel, which detects when 1024
consecutive zero samples have been input. The two zero flag outputs (ZFLAGL and
ZFLAGR) may be programmed to output the zero detect signals (see Table 9) that may then
be used to control external muting circuits. A ‘1’ on ZFLAGL or ZFLAGR indicates a zero
detect. The zero detect may also be used to automatically enable the PGA mute by setting
IZD. The zero flag output may be disabled by setting DZFM to 00. The zero flag signal for
each DAC channel will only be enabled if it is enabled as an input to the output summing
stage.
DZFM[1:0]
ZFLAGL
ZFLAGR
00
Zero flag disabled
Zero flag disabled
01
Left channel zero
Right channel zero
10
Both channel zero
Both channel zero
11
Either channels zero
Either channel zero
Table 9 Zero Flag Output Select
POWERDOWN MODES
The WM8776 has powerdown control bits allowing specific parts of the WM8776 to be
powered off when not being used. The 5-channel input source selector and input buffer may
be powered down using control bit AINPD. When AINPD is set all inputs to the source
selector (AIN1l/R to AIN5L/R) are switched to a buffered VMIDADC. Control bit ADCPD
powers off the ADC and also the ADC input PGAs. The stereo DAC has a separate
powerdown control bit, DACPD allowing the DAC and analogue output mixer to be powered
off when not in use. This also switches the analogue outputs VOUTL/R to VMIDDAC to
maintain a dc level on the output.
Setting AINPD, ADCPD and DACPD will powerdown everything except the references
VMIDADC, ADCREF and VMIDDAC. These may be powered down by setting PDWN.
Setting PDWN will override all other powerdown control bits. It is recommended that AINPD,
HPPD, ADCPD and DACPD are set before setting PDWN. The default is for all blocks to be
enabled other than HPPD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com