Electronic Components Datasheet Search
  English  ▼

X  

3811000000 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 3811000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3811000000 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 3811000000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 9Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 10Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 11Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 12Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 13Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 14Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
9
The universal design of ROSE industrial enclosures made
from Aluminum, Fiberglass, Stainless Steel, Polycarbonate,
ABS, and Polystyrene is the basis of their versatility.
They are designed to accommodate mechanical parts as
well as electrical and electronic components. Apart from
standard versions, flange enclosures are also available in
Aluminum, Fiberglass, and Polycarbonate.
Industrial Enclosures
Aluform Aluminum Enclosure
• 14 enclosure sizes from 80 x 80 x 80 mm to 200 x 280 x 70mm
• Application area: its elegant design makes it ideal for use in areas where the visual
impression is important.
Standard Aluminum Enclosures / Aluminum Flange Enclosures
• 48 enclosure sizes from 45 x 50 x 30 mm to 600 x 600 x 200 mm
• Application area: standard industrial enclosures
Standard Fiberglass Enclosures
• 26 enclosure sizes from 55 x 55 x 37 mm to 405 x 400 x 120 mm
• Application area: standard industrial enclosures
Fiberglass Flange Enclosures
• 6 enclosure sizes from 170 x 270 x 135 mm to 270 x 540 x 150 mm with two
flange openings
• Application area: fieldbus and installation enclosures
Standard Polycarbonate/ABS Enclosures
• 25 enclosure sizes from 50 x 52 x 35 mm to 360 x 400 x 150 mm
• Application area: standard installation enclosures
Polycarbonate Flange Enclosures
• 6 enclosure sizes from 134 x 170 x 130 mm to 369 x 440 x 130 mm with 2
to 6 flange openings
• Application area: standard installation enclosures
ECO/PCI Compact Enclosures
• 47 enclosure sizes from 65 x 65 x 57 mm to 254 x 355 x 165 mm
GRP 3040/4060 Fiberglass Cabinets
• 5 enclosure sizes from 300 x 400 x 200 mm to 400 x 600 x 250 mm
• Application area: robust universal cabinet with hinged lid
GFK Fiberglass/ABS Mini Cabinets
• 4 enclosure sizes from 199 x 248.5 x 149 mm to 250 x 300 x 170 mm
• Application area: universal cabinet with hinged lid for measurement/
control technology
GRP Fiberglass Mini Cabinets
• 6 enclosure sizes from 120 x 200 x 100 mm to 200 x 300 x 170 mm
• Application area: robust mini-cabinets with hinged lid for measurement/
control technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com