Electronic Components Datasheet Search
  English  ▼

X  

3811000000 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # 3811000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3811000000 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button 3811000000 Datasheet HTML 37Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 38Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 39Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 40Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 41Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 42Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 43Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 44Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
39
External Dimensions
mm
External Dimensions
Inches
Part Number
L x W x H
L x W x H
• Desktop enclosure whose innovative technology and ergonomic lines for use in the
field of data recording and processing.
• Split profile of the enclosure guarantees easier and faster assembly of electronics and
other components.
• Lid can be rotated in order to cover different ranges of application with the same
contents.
• Profiles have a range of PCB slots and screw channels so that PCBs can be fitted in
the required positions.
Technical Data
Color
Material
Protection Classifications
Profiles: clear anodized aluminum. End lids: quartz gray, similar to RAL 7039 and graphite gray,
similar to RAL 7024. Special colors on request. Minimum order quantities apply.
Profile: Alunminum Al Mg Si 0.5. End lids: ABS plastic
IP 40, DIN EN 60529. IP 54, when using seal (AT...DI) with sponge cord factory-installed
Alu-Topline
150 x 183.8 x 53.2
200 x 183.8 x 53.2
250 x 183.8 x 53.2
300 x 183.8 x 53.2
150 x 183.8 x 68.2
200 x 183.8 x 68.2
250 x 183.8 x 68.2
300 x 183.8 x 68.2
5.90 x 7.24 x 2.09
7.87 x 7.24 x 2.09
9.84 x 7.24 x 2.09
11.84 x 7.24 x 2.09
5.90 x 7.24 x 2.68
7.87 x 7.24 x 2.68
9.84 x 7.24 x 2.67
11.81 x 7.24 x 2.68
Model
Number
Model
Number
ATPH 1850-0150
ATPH 1850-0200
ATPH 1850-0250
ATPH 1850-0300
ATPH 1865-0150
ATPH 1865-0200
ATPH 1865-0250
ATPH 1865-0300
92850150 00
92850200 00
92850250 00
92850300 00
92865150 00
92865200 00
92865250 00
92865300 00
Included in delivery
Enclosure profile, split horizontally
Model Number
Description
ATD 1850-7024
ATD 1850-7039
AT 1850 DI*
ATD 1865-7024
ATD 1865-7039
AT 1865 DI*
AT 1800-0150 WB
AT 1800-0200 WB
AT 1800-0250 WB
AT 1800-0300 WB
AT-IS 00020
AB-GF
92050024 00
92050039 00
92050000 00
92065024 00
92065039 00
92065000 00
92800150 00
92800200 00
92800250 00
92800300 00
92000100 00
94006700 00
Lid, graphite gray, similar to RAL 7024, (includes: 2 lids, right/left, 8 screws, 8 screw covers)
Lid, quartz gray, similar to RAL 7039, (includes: 2 lids, right/left, 8 screws, 8 screw covers)
Seal for ingress protection IP 54, (includes: 5 sets of sponge rubber seals, right/left)
Lid, graphite gray, similar to RAL 7024 (includes: 2 lids, right/left, 8 screws, 8 screw covers)
Lid, quartz gray, similar to RAL 7039, (includes 2 lids, right/left, 8 screws, 8 screw covers)
Seal for ingress protection IP 54, (includes: 5 sets of sponge rubber seals, right/left)
Wall bracket 150 (includes: 1 wall profile, 2 tapped pins)
Wall bracket for profile 200 (includes: 1 wall profile, 2 tapped pins)
Wall bracket for profile 250 (includes: 1 wall profile, 2 tapped pins)
Wall bracket for profile 300 (includes: 1 wall profile, 2 tapped pins)
Insulating strip (includes: 5 insulating strips)
Rubbet feet (includes: 4 rubber feet)
Accessories
ATPH 1850
Split Profile
ATPH 1865
Split Profile
ATD 18...
Lid made of ABS plastic
*Note: to attain IP 54, in addition to seal AT... DI, a sponge cord must be factory installed in the enclosure profile.
Meter lengths available upon request. Minimum order may apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com