Electronic Components Datasheet Search
  English  ▼

X  

3811000000 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # 3811000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3811000000 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button 3811000000 Datasheet HTML 69Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 70Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 71Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 72Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 73Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 74Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 75Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 76Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
71
Compact base
Compact base with ventilation
Compact base 2
Compact base 2 with ventilation
Compact lid 1
Compact lid 1 with membrane keypad area
Compact lid 1 with design front
Compact lid 2
Compact lid 2 with membrane keypad area
Compact lid 3
Compact lid 3 with membrane keypad area
Compact lid 3 with secondary flap
Control base
Control base with ventilation
Control lid 1
Control lid 1 with membrane keypad area
Control lid 1 with design front
Control lid 2
Control lid 2 with membrane keypad area
Control lid 3
Control lid 3 with membrane keypad area
Control lid 3 with secondary flap
Accessories
200 x 120 x 18
200 x 120 x 18
120 x 80 x 18
120 x 80 x 18
120 x 40 x 18
120 x 40 x 18
120 x 40 x 18
120 x 80 x 18
120 x 80 x 18
120 x 120 x 18
120 x 120 x 18
120 x 120 x 18
270 x 162 x 28
270 x 162 x 28
162 x 54 x 22
162 x 54 x 22
162 x 54 x 22
162 x 108 x 22
162 x 108 x 22
162 x 162 x 22
162 x 162 x 22
162 x 162 x 22
7.87 x 4.72 x 0.71
7.87 x 4.72 x 0.71
4.72 x 3.16 x 0.71
4.72 x 3.15 x 0.71
4.72 x 1.57 x 0.71
4.72 x 1.57 x 0.71
4.72 x 1.57 x 0.71
4.72 x 3.15 x 0.71
4.72 x 3.15 x 0.71
4.72 x 4.72 x 0.71
4.72 x 4.72 x 0.71
4.72 x 4.72 x 0.71
10.63 x 6.38 x 1.10
10.63 x 6.38 x 1.10
6.38 x 2.12 x 0.87
6..38 x 2.12 x 0.87
6.38 x 2.12 x 0.87
6.38 x 4.25 x 0.87
6.38 x 4.25 x 0.87
6.38 x 6.38 x 0.87
6.38 x 6.38 x 0.87
6.38 x 6.38 x 0.87
• Individually adaptable enclosure for use in building automation systems and many
other fields of electronics
• Enclosure bases can be supplied with or without ventilation in 3 basic sizes
• Eight different lid types, with different sizes and shapes, can be mounted on the base
• Choose between lids with a membrane keypad area, design front or a hinged lid
Included in delivery
Modular product sold by individual components.
Technical Data
Color
Material
Ingress Protection
Surface Resistance
Flammability
Base and wall mount fittings: agate gray, similar to RAL 7038 or white, similar to RAL 9010.
Lid: light gray (standard color) similar to RAL 7035 or white (special order) similar to RAL 9010
Module bridges: light gray, similar to RAL 7035. Special colors on request.
ABS - BVT-MB. Polyamide (PA 6, 15% GF) BVL-MB.
Up to IP 40, according to DIN EN 60529, depending on construction. Up to IP 30 if used with ventilated
bases. Up to IP 20 if used with lids with secondary flap.
>1012 Ohm to DIN 53482 (Polyamide),
>1014 Ohm to DIN 53482 (ABS)
ABS and Polyamide: UL 94 HB/1.6
Model
Number
Part Number
Agate Gray
Part Number
White
BVT-UT
BVT-UT-L
BVT-UT2
BVT-UT2-L
BVT-OT1
BVT-OT1-F
BVT-OT1-D
BVT-OT2
BCT-OT2-F
BVT-OT3
BVT-OT3-F
BVT-OT3-SK
BVL-UT
BVL-UT-L
BVL-OT1
BVL-OT1-F
BVL-OT1-D
BVL-OT2
BVL-OT2-F
BVL-OT3
BVL-OT3-F
BVL-OT3-SK
40001000 00
40001100 00
40001200 00
40001300 00
40002100 00
40002110 00
40002120 00
40002130 00
40002140 00
40002150 00
40002160 00
40002170 00
40011000 00
40011100 00
40012100 00
40012110 00
40012120 00
40012130 00
40012140 00
40012150 00
40012160 00
40012170 00
40101000 00
40101100 00
40101200 00
40101300 00
40102100 00
40102110 00
40102120 00
40102130 00
40102140 00
40102150 00
40102160 00
40102170 00
40111000 00
40111100 00
40112100 00
40112110 00
40112120 00
40112130 00
40112140 00
40112150 00
40112160 00
40112170 00
Dimensions
mm
Dimensions
Inches
Description
Bovista
BVT-MB
BVT-WB
BVT-WB 2
BVT-UP
BVT-FO-9010
BVT-FO-7035*
BVT-UP2
BVT-FO2-9010
BVT-FO2-7035*
BVL-MB
DIBLZ AK 30 x 5/IM3/10
BVL-WB
BVL-UP
BVL-FO-9010
BVL-FO-7035*
40003000 00
40104000 00
40104200 00
40200000 00
40200300 00
40200200 00
40200010 00
40200310 00
-
40013000 00
59006986 00
40114000 00
40300000 00
40300300 00
40200200 00
40040000 00
40042000 00
40014000 00
Compact module bridges
Compact wall mount plate
Compact wall mount plate 2
Compact flush mount enclosure
Compact front frame, white, similar to RAL 9010
Compact front frame, light gray, similar to RAL 7035
Compact 2 flush-mount enclosure
Compact 2 front frame, white, similar to RAL 9010
Compact 2 front frame with 2 mounting screws, light gray, similar to RAL 7035
Control module bridges
Distance bolts, boss internal Ø 2.4-2.6
Control wall mount plate
Control flush-mount enclosure
Control front frame, white, similar to RAL 9010
Control front frame, light gray, similar to RAL 7035
Model
Number
Part
Number
White
Part
Number
Agate Gray
Version
L x W x H
L x W x H
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
*Available on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com