Electronic Components Datasheet Search
  English  ▼

X  

3811000000 Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # 3811000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3811000000 Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button 3811000000 Datasheet HTML 90Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 91Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 92Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 93Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 94Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 95Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 96Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 97Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 164 page
background image
www.Rose-Bopla.com
92
08100000 00
08200000 00
• Developed for use as a factory floor control unit in tough operating conditions
• Gasketed to provide an ingress protection of IP 65 and made of glassbead-reinforced
polyamide.
• Designed for easier handling with molded-in ribs in the bottom half of the enclosure
Tastomat
Included in delivery
Lid with seal, base, 6 enclosure screws M 4 x 28 and 4
self-tapping screws for mounting plate
Technical Data
Material
Color
Ingress Protection
Flammability
Polyamide, 30% glassbead-reinforced
Light gray, similar to RAL 7035. Special colors on request. Minimum order quanitites apply
IP 65 to DIN EN 60529
UL 94 HB/1.6
Part
Number
Model
Number
Dimensions
mm
Dimensions
Inches
L x W x H
L x W x H
TAS 100
TAS 200
251 x 91 x 46
251 x 91 x 80
9.88 x 3.58 x 1.81
9.88 x 3.58 x 3.15
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com