Electronic Components Datasheet Search
  English  ▼

X  

3811000000 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # 3811000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3811000000 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button 3811000000 Datasheet HTML 45Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 46Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 47Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 48Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 49Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 50Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 51Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 52Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 164 page
background image
Part Number
Accessories
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
47
Part
Number
• Aluminum profile that can be cut to any length required and capped with plate
aluminum lids
• All profiles slotted internally for PCB or chassis mounting
• Optional “L-shaped” aluminum plate lids are offered for wall-mount applications
Multitronic TS Build-A-Box®
Included in delivery
Extrusion only. Sold by the meter.
Technical Data
Color
Material
Temperature Range
Protection Classification
Any color is available.
Aluminum, Al Mg Si 0.5
-40°F to +212°F
IP 40 to EN 60529
Width
Inches/mm
Length
Inches/mm
Height
Inches/mm
PC Card
Slot Size
2.83 / 72
2.99 / 76
2.99 / 76
2.99 / 76
2.99 / 76
4.13 / 105
4.13 / 1.05
4.13 / 1.05
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.37 / 1000
1.81 / 46
2.40 / 61
2.01 / 51
2.54 / 64
3.07 / 78
1.77 / 45
2.60 / 66
3.42 / 87
42 mm
42, 72 mm
72 mm
72 mm
72 mm
100 mm
100 mm
100 mm
10011129 /10011129
10011129/10011131
10011131/10011131
10011130/10011131
10011130/10011130
10011132/10011132
10011133/10011132
10011133/10011133
10095525 08
10095531 08
10095530 08
10095538 08
10095526 08
10095532 08
10095527 08
10095538 08
10095528 08
10095534 08
10095529 08
10095535 08
10095152 08
10095536 08
10095537 08
10093205 00
Unpainted plate lid with screws for 11129/11129
Unpainted plate lid with screws & wall flange for 11129/11129
Unpainted plate lid with screws for 11129/11131
Unpainted plate lid with screws & wall flange for 11129/11131
Unpainted plate lid with screws for 11131/11131
Unpainted plate lid with screws & wall flange for 11131/11131
Unpainted plate lid with screws for 11130/11131
Unpainted plate lid with screws & wall flange for 11130/11131
Unpainted plate lid with screws for 11130/11130
Unpainted plate lid with screws & wall flange for 11130/11130
Unpainted plate lid with screws for 11132/11132
Unpainted plate lid with screws & wall flange for 11132/11132
Unpainted plate lid with screws for 11133/11132
Unpainted plate lid with screws & wall flange for 11133/11132
Unpainted plate lid with screws & wall flange for 11133/11133
Black lid screws M3 x 8
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
All extrusions sold in 1 meter lengths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com