Electronic Components Datasheet Search
  English  ▼

X  

3811000000 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # 3811000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3811000000 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button 3811000000 Datasheet HTML 70Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 71Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 72Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 73Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 74Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 75Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 76Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 77Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 164 page
background image
www.Rose-Bopla.com
72
Accessories
Model Number
Version
BO FP 30006
BO FP 30006
BO FP 30009
BO FP 30009
BO FP 30012
BO FP 30012
BO FP 50006
BO FP 50006
BO FP 50009
BO FP 50009
BO FP 50012
BO FP 50012
BO FP 50006
BO FP 50006
BO FP 50009
BO FP 50009
BO FP 50012
BO FP 50012
BO FP 60006
BO FP 60006
BO FP 60009
BO FP 60009
BO FP 60012
BO FP 60012
174 x 49.96 x 196.9
174 x 49.96 x 196.9
174 x 65.20 x 196.9
174 x 65.20 x 196.9
174 x 80.44 x 196.9
174 x 80.44 x 196.9
240.67 x 49.96 x 136.9
240.67 x 49.96 x 136.9
240.67 x 65.20 x 136.9
240.67 x 65.20 x 136.9
240.67 x 80.44 x 136.9
240.67 x 80.44 x 136.9
240.67 x 49.96 x 196.9
240.67 x 49.96 x 196.9
240.67 x 65.20 x 196.9
240.67 x 65.20 x 196.9
240.67 x 80.44 x 196.9
240.67 x 80.44 x 196.9
307.35 x 49.96 x 256.9
307.35 x 49.96 x 256.9
307.35 x 65.20 x 256.9
307.35 x 65.20 x 256.9
307.35 x 80.44 x 256.9
307.35 x 80.44 x 256.9
6.85 x 1.97 x 7.75
6.85 x 1.97 x 7.75
6.85 x 2.57 x 7.75
6.85 x 2.57 x 7.75
6.85 x 3.17 x 7.75
6.85 x 3.17 x 7.75
9.47 x 1.97 x 5.39
9.47 x 1.97 x 5.39
9.47 x 2.57 x 5.39
9.47 x 2.57 x 5.39
9.47 x 3.17 x 5.39
9.47 x 3.17 x 5.39
9.47 x 1.97 x 7.75
9.47 x 1.97 x 7.75
9.47 x 2.57 x 7.75
9.47 x 2.57 x 7.75
9.47 x 3.17 x 7.75
9.47 x 3.17 x 7.75
12.10 x 1.97 x 10.11
12.10 x 1.97 x 10.11
12.10 x 2.57 x 10.11
12.10 x 2.57 x 10.11
12.10 x 3.17 x 10.11
12.10 x 3.17 x 10.11
• Enclosure system consisting of two-half shells. Designed for either horizontal or
vertical use.
• Extension sets permit optimal adaptation of relevant space.
• Snap-lock technology reduces assembly time.
• Cap sets available in 6 colors to individualize the enclosure.
Included in delivery
2 half shells. Other components sold individually or in sets. See
website for details, www.rose-bopla.com
Technical Data
Color
Material
Ingress Protection
Surface Resistance
Flammability
Light gray, similar to RAL 7035. Special colors on request. Minimum order quantities apply.
ABS
Closed: IP 40 to EN 60529. With air vents: IP 30 to EN 60529
>1014 Ohm to DIN 53482
UL 94 HB/1.6
Model
Number
Part Number
BO 32006
BO 32006 L
BO 32009
BO 32009 L
BO 32012
BO 32012 L
BO 51406
BO 51406 L
BO 51409
BO 51409 L
BO 51412
BO 51412 L
BO 52006
BO 52006 L
BO 52009
BO 52009 L
BO 52012
BO 52012 L
BO 62606
BO 62606 L
BO 62609
BO 62609 L
BO 62612
BO 62612 L
68320060 00
68320061 00
68320090 00
68320091 00
68320120 00
68320121 00
68514060 00
68514061 00
68514090 00
68514091 00
68514120 00
68514121 00
68520060 00
68520061 00
68520090 00
68520091 00
68520120 00
68520121 00
68626060 00
68626061 00
68626090 00
68626091 00
68626120 00
68626121 00
Dimensions
mm
Dimensions
Inches
Front Panel
to be Used
BOTEGO
BO FP ...
BO AB...
BO-KS
BO-SF...
BO-PB ...
BO-PT...
BO HS...
BO FF...
BO D...
BO WB...
Front panel, aluminum Al Mg 3, anodized 2 mm. Front panel available in plastic on request
Extension set. ABS light gray, similar to RAL 7035; additional colors for minimum orders of 500 extension sets
Cap sets
Angled operating front
Filling profile set for mounting rack installation.
Profile set
Handle
Design foil
Design element set
Wall mounting set
W x H x D
L = With injection molded air vents in both half-shells.
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
W x H x D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com