Electronic Components Datasheet Search
  English  ▼

X  

3811000000 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # 3811000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3811000000 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button 3811000000 Datasheet HTML 10Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 11Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 12Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 13Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 14Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 15Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 16Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 17Page - List of Unclassifed Manufacturers 3811000000 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 164 page
background image
Dimensions
Inches
Dimensions
mm
Dimensions
Inches
Dimensions
mm
01050503 00
01060603 00
01061003 00
01061503 00
01061903 00
01080806 00
01081306 00
01081806 00
01082505 00
01101008 00
01101608 00
01102008 00
01121208 00
01121209 00
www.Rose-Bopla.com
12
W x L x H
W x L x H
W x L x H
W x L x H
230 x 200 x 180
230 x 280 x 110
230 x 330 x 110
230 x 330 x 180
230 x 400 x 110
230 x 400 x 224
230 x 600 x 110
310 x 400 x 110
310 x 400 x 140
310 x 400 x 180
310 x 400 x 226
310 x 600 x 110
310 x 600 x 180
600 x 600 x 200
4.72 x 8.66 x 3.19
4.72 x 8.66 x 3.58
4.72 x 14.17 x 3.19
5.51 x 5.51 x 3.58
5.51 x 7.87 x 3.58
5.51 x 7.87 x 3.58
6.30 x 6.30 x 3.58
6.30 x 10.24 x 3.58
6.30 x 14.17 x 3.58
6.30 x 22.05 x 3.58
7.09 x 7.09 x 3.98
11.02 x 7.09 x 3.98
3.94 x 9.06 x 4.33
9.13 x 7.95 x 4.37
120 x 220 x 80
120 x 220 x 90
120 x 220 x 120
120 x 360 x 80
140 x 140 x 90
140 x 200 x 90
160 x 160 x 90
160 x 260 x 90
160 x 360 x 90
160 x 560 x 90
180 x 180 x 100
180 x 280 x 100
100 x 230 x 110
230 x 200 x 110
Part Number
01232018 00
01232811 00
01233311 00
01233318 00
01234011 00
01234023 00
01236011 00
01314011 00
01314014 00
01314018 00
01314023 00
01316011 00
01316018 00
01606020 00
9.13 x 7.95 x 7.09
9.06 x 11.02 x 4.37
9.06 x 12.99 x 4.37
9.06 x 12.99 x 7.13
9.06 x 15.75 x 4.37
9.06 x 15.75 x 8.86
9.06 x 23.62 x 4.37
12.32 x 15.91 x 4.37
12.32 x 15.91 x 5.55
12.32 x 15.91 x 7.13
12.32 x 15.91 x 8.94
12.20 x 23.62 x 4.37
12.20 x 23.62 x 7.13
23.62 x 23.62 x 7.95
• Robust aluminum enclosure for mechanical and automation engineering
• Standard enclosures prepared for acceptance of DIN rail and mounting plates
• Flange enclosures with 4, 6, or 8 flange openings
Standard & Flange Aluminum Enclosures, Painted
Included in delivery
Aluminum diecast enclosure consisting of lid with seal
and captive stainless steel screws; base with 2 or 4
ground screws; flange enclosures with flange openings
(please order flange plates separately).
Technical Data
Material
Ingress Protection
Impact Resistance
Temperature Resistance
Painting
Color
Al Si 12, DIN 1725
IP 66 to EN 60529. Flange: IP 65 EN 60526
>7 Nm, EN 50014
Neoprene gasket: -40°F to +212°F
Silicone gasket: -76°F to +266°F
RFI gasket: -40°F to +392°F
Polyurethane -40°F to +194°F
Powdercoating
Silver gray, similar to RAL 7001, special colors on request
Part Number
Part Number
Dimensions
mm
Dimensions
Inches
11232011 00
11232811 00
11234011 00
11236011 00
01061200 00
01061900 00
W x L x H
W x L x H
45 x 50 x 30
64 x 58 x 34
64 x 98 x 34
64 x 150 x 34
64 x 185 x 34
80 x 75 x 57
80 x 125 x 57
80 x 175 x 57
80 x 250 x 52
100 x 100 x 80
100 x 160 x 80
100 x 200 x 80
120 x 122 x 80
120 x 122 x 90
230 x 200 x 110
230 x 280 x 110
230 x 400 x 110
230 x 600 x 110
64 x 115 x 34.5
64 x 186 x 34.5
2.52 x 4.53 x 1.36
2.52 x 7.32 x 1.36
9.05 x 7.78 x 4.33
9.05 x 11.02 x 4.33
9.05 x 15.75 x 4.33
9.05 x 23.62 x 4.33
1.77 x .97 x 45
2.52 x 2.28 x 1.34
3.86 x 2.52 x 1.34
2.52 x 5.91 x 1.34
2.52 x 7.28 x 1.34
3.15 x 2.95 x 2.24
3.15 x 4.92 x 2.24
3.15 x 6.89 x 2.24
3.15 x 9.84 x 2.05
3.94 x 3.94 x 3.19
3.94 x 6.30 x 3.19
3.94 x 7.87 x 3.19
4.72 x 4.80 x 3.19
4.72 x 4.80 x 3.58
UL 508
UL 50
Standard enclosures
Flange Enclosures
Flange openings
4
4
6
8
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
Aluminum Watertight Enclosures With External Mounting Flange
01122208 00
01122209 00
01122212 00
01123608 00
01141409 00
01142009 00
01161609 00
01162609 00
01163609 00
01165609 00
01181810 00
01182810 00
01231011 00
01232011 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com