Electronic Components Datasheet Search
  English  ▼

X  

CT10.481 Datasheet(PDF) 10 Page - PULS GmbH

Part # CT10.481
Description  48V, 5A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.481 Datasheet(HTML) 10 Page - PULS GmbH

Back Button CT10.481 Datasheet HTML 6Page - PULS GmbH CT10.481 Datasheet HTML 7Page - PULS GmbH CT10.481 Datasheet HTML 8Page - PULS GmbH CT10.481 Datasheet HTML 9Page - PULS GmbH CT10.481 Datasheet HTML 10Page - PULS GmbH CT10.481 Datasheet HTML 11Page - PULS GmbH CT10.481 Datasheet HTML 12Page - PULS GmbH CT10.481 Datasheet HTML 13Page - PULS GmbH CT10.481 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CT10.481
C-Series
48V, 5A, THREE PHASE INPUT
11. TERMINALS AND WIRING
Input
Output
Type
screw terminals
screw terminals
Solid wire
0.5-6mm2
0.5-6mm2
Stranded wire
0.5-4mm2
0.5-4mm2
American Wire Gauge
20-10 AWG
20-10 AWG
Wire stripping length
7mm / 0.275inch
7mm / 0.275inch
Screwdriver
3.5mm slotted or Pozidrive No 2
3.5mm slotted or Pozidrive No 2
Recommended tightening torque
0.8Nm, 7lb.in
0.8Nm, 7lb.in
Instructions:
a) Use appropriate copper cables that are designed for an operating temperature of:
60°C for ambient up to 45°C and 75°C for ambient up to 60°C minimum.
b) Follow national installation codes and installation regulations!
c) Ensure that all strands of a stranded wire enter the terminal connection!
d) Up to two stranded wires with the same cross section are permitted in one connection point (except PE wire).
e) Do not use the unit without PE connection.
f) Screws of unused terminal compartments should be securely tightened.
g) Ferrules are allowed, but not required
12. RELIABILITY
3-Phase operation
3AC 400V
3AC 480V
Lifetime expectancy *)
122 000h
126 000h
at 48V, 5A and 40°C
249 000h
226 000h
at 48V, 2.5A and 40°C
78 000h
88 000h
at 48V, 6A and 40°C
345 000h
355 000h
at 48V, 5A and 25°C
MTBF **) SN 29500, IEC 61709
1 051 000h
1 048 000h
at 48V, 5A and 40°C
1 805 000h
1 799 000h
at 48V, 5A and 25°C
MTBF **) MIL HDBK 217F
438 000h
424 000h
at 48V, 5A and 40°C; Ground Benign GB40
585 000h
568 000h
at 48V, 5A and 25°C; Ground Benign GB25
Operation on only 2 legs of
the three phase system
2AC 400V
2AC 480V
Lifetime expectancy *)
114 000h
120 000h
at 48V, 5A and 40°C
253 000h
234 000h
at 48V, 2.5A and 40°C
76 000h
81 000h
at 48V, 6A and 40°C
322 000h
341 000h
at 48V, 5A and 25°C
MTBF **) SN 29500, IEC 61709
1 019 000h
1 023 000h
at 48V, 5A and 40°C
1 765 000h
1 771 000h
at 48V, 5A and 25°C
MTBF **) MIL HDBK 217F
437 000h
425 000h
at 48V, 5A and 40°C; Ground Benign GB40
584 000h
569 000h
at 48V, 5A and 25°C; Ground Benign GB25
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The prediction model allows only a calculation of up to 15 years from date of shipment.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
Jan. 2010 / Rev. 1.1 DS-CT10.481-EN
All parameters are specified at 48V, 5A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
10/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com