Electronic Components Datasheet Search
  English  ▼

X  

CT10.481 Datasheet(PDF) 18 Page - PULS GmbH

Part # CT10.481
Description  48V, 5A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.481 Datasheet(HTML) 18 Page - PULS GmbH

Back Button CT10.481 Datasheet HTML 14Page - PULS GmbH CT10.481 Datasheet HTML 15Page - PULS GmbH CT10.481 Datasheet HTML 16Page - PULS GmbH CT10.481 Datasheet HTML 17Page - PULS GmbH CT10.481 Datasheet HTML 18Page - PULS GmbH CT10.481 Datasheet HTML 19Page - PULS GmbH CT10.481 Datasheet HTML 20Page - PULS GmbH CT10.481 Datasheet HTML 21Page - PULS GmbH CT10.481 Datasheet HTML 22Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
CT10.481
C-Series
48V, 5A, THREE PHASE INPUT
23.3. CHARGING OF BATTERIES
The power supply can be used to charge lead-acid or maintenance free batteries. (4x 12V batteries in series)
Instructions for charging batteries:
a)
Set jumper on the front of the unit into “Parallel Use”
b)
Set output voltage (measured at no load and at the battery end of the cable) very precisely to the end-of-charge
voltage.
End-of-charge voltage
55.6V
55V
54.3V
53.6V
Battery temperature
10°C
20°C
30°C
40°C
c)
Use a 10A circuit breaker (or blocking diode) between the power supply and the battery.
d)
Ensure that the output current of the power supply is below the allowed charging current of the battery.
e)
Use only matched batteries when putting 12V types in series.
f)
The return current to the power supply (battery discharge current) is typ. 4.4mA when the power supply is
switched off (except in case a blocking diode is utilized).
23.4. OUTPUT CIRCUIT BREAKERS
Standard miniature circuit breakers (MCB’s or UL1077 circuit breakers) are without doubt, one of the most efficient
and economical ways to open circuits on faulty branches. Most of these breakers may also be used on 48V branches.
MCB’s are designed to protect wires and circuits. If the ampere value and the characteristics of the MCB are adapted to
the wire size that is used, the wiring is considered as thermally safe regardless of whether the MCB opens or not.
To avoid voltage dips and under-voltage situations in adjacent 48V branches which are supplied by the same source, a
fast (magnetic) tripping of the MCB is desired. A quick shutdown within 10ms is necessary corresponding roughly to
the ride-through time of PLC's. This requires power supplies with high current reserves and large output capacitors.
Furthermore, the impedance of the faulty branch must be sufficiently small in order for the current to actually flow.
The best current reserve in the power supply does not help if Ohm’s law does not permit current flow. The following
table has typical test results showing which B- and C-Characteristic MCBs magnetically trip depending on the wire cross
section and wire length.
Fig. 23-3 Test circuit
Maximal wire length for a magnetic (fast) tripping *):
0.75mm²
1.0mm²
1.5mm²
2.5mm²
C-2A
52m
70m
94m
148m
C-3A
33m
42m
64m
97m
C-4A
19m
23m
33m
48m
C-6A
8m
9m
13m
22m
C-8A
-
-
-
-
C-10A
-
-
-
-
B-6A
18m
22m
33m
46m
MCB
Power
Supply
18/22
AC
DC
+
-
Load
+
-
B-10A
4m
5m
10m
13m
Wire length
S1...... Fault Simulation Switch
S1
*)
Don’t forget to consider two times the distance to the load (or cable length) when calculating the total wire length (+ and – wire).
Jan. 2010 / Rev. 1.1 DS-CT10.481-EN
All parameters are specified at 48V, 5A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com