Electronic Components Datasheet Search
  English  ▼

X  

CT10.481 Datasheet(PDF) 8 Page - PULS GmbH

Part # CT10.481
Description  48V, 5A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.481 Datasheet(HTML) 8 Page - PULS GmbH

Back Button CT10.481 Datasheet HTML 4Page - PULS GmbH CT10.481 Datasheet HTML 5Page - PULS GmbH CT10.481 Datasheet HTML 6Page - PULS GmbH CT10.481 Datasheet HTML 7Page - PULS GmbH CT10.481 Datasheet HTML 8Page - PULS GmbH CT10.481 Datasheet HTML 9Page - PULS GmbH CT10.481 Datasheet HTML 10Page - PULS GmbH CT10.481 Datasheet HTML 11Page - PULS GmbH CT10.481 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CT10.481
C-Series
48V, 5A, THREE PHASE INPUT
8. EFFICIENCY AND POWER LOSSES
3AC 400V
3AC 480V
Efficiency
typ.
92.8%
92.9%
at 48V, 5A, 3-phase operation
typ.
92.4%
92.6%
at 48V, 5A, when using only two legs of a 3-
phase system, see also chapter 23.6.
Average efficiency *)
typ.
92.0%
91.7%
25% at 1.25A, 25% at 2.5A, 25% at 3.75A.
25% at 5A, 3-phase operation
Power losses
typ.
2.3W
2.6W
at 0A, 3-phase operation
typ.
18.6W
18.3W
at 48V, 5A, 3-phase operation
typ.
23.5W
22.8W
at 48V, 6A, 3-phase operation
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 8-1
Efficiency vs. output current at 48V,
typ., 3-phase operation
Fig. 8-2
Losses vs. output current at 48V,
typ., 3-phase operation
Efficiency
1
89
91
93
88
94%
6A
24
5
Output Current
3
90
92
3x400Vac
3x480Vac
Power Losses
01
2
45
6A
0
4
12
20
24W
3x480Vac
3x400Vac
8
3
16
Output Current
Fig. 8-3
Efficiency vs. input voltage at 48V,
5A, typ., 3-phase operation
Fig. 8-4
Losses vs. input voltage at 48V, 5A,
typ., 3-phase operation
Efficiency
320
360
400
440
480
94%
91.5
92.5
93.5
93.0
92.0
91.0
520
560
Input Voltage Vac, 3-Phase
Power Losses
320
360
400
440
480
24W
4
12
20
16
8
o
520
560
Input Voltage Vac, 3-Phase
Jan. 2010 / Rev. 1.1 DS-CT10.481-EN
All parameters are specified at 48V, 5A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com