Electronic Components Datasheet Search
  English  ▼

X  

CT10.481 Datasheet(PDF) 19 Page - PULS GmbH

Part # CT10.481
Description  48V, 5A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.481 Datasheet(HTML) 19 Page - PULS GmbH

Back Button CT10.481 Datasheet HTML 14Page - PULS GmbH CT10.481 Datasheet HTML 15Page - PULS GmbH CT10.481 Datasheet HTML 16Page - PULS GmbH CT10.481 Datasheet HTML 17Page - PULS GmbH CT10.481 Datasheet HTML 18Page - PULS GmbH CT10.481 Datasheet HTML 19Page - PULS GmbH CT10.481 Datasheet HTML 20Page - PULS GmbH CT10.481 Datasheet HTML 21Page - PULS GmbH CT10.481 Datasheet HTML 22Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
CT10.481
C-Series
48V, 5A, THREE PHASE INPUT
23.5. EXTERNAL INPUT PROTECTION
The unit is tested and approved for branch circuits up to 30A (U.S.A.) and 32A (IEC). An external protection is only
required, if the supplying branch has an ampacity greater than this. Check also local codes and local requirements. In
some countries local regulations might apply.
If an external fuse is necessary or utilized, minimum requirements need to be considered to avoid nuisance tripping of
the circuit breaker. A minimum value of 6A B- or 3A C-Characteristic breaker should be used
23.6. USING ONLY 2 LEGS OF A 3-PHASE SYSTEM
19/22
oss
e
The power supply is allowed to run permanently on two legs of a 3-phase
system, when the output power is reduced according to the curves below. A
long-term exceeding of these limits will result in a thermal shut-down of the
unit. No external protection device is required to protect against a phase-l
failure. EMC performance, hold-up time and losses differ from a three phas
operation. Therefore, check suitability of your individual application. The
screw of the terminal which remains unused must be securely tightened.
Using only two legs of a 3-phase system is not included in the UL approval. Therefore, additional testing might be
necessary.
DC
L1
L2
L3
open
AC
L1
L2
L3
PE
Power Supply
Fig. 23-4
Allowed output current for use on only two
legs of a 3-phase system
Fig. 23-5
Hold-up time for use on only two legs
of a 3-phase system
Allowed Output Current at 48V
0
-25
0
20
70°C
1
2
3
4
5
6A
40
60
Ambient Temperature
A
B
A... 2x 340-576Vac, 3x 320-576Vac
B... 2x 320-340Vac
0
20
40
60
100ms
320
360
400
440 2x480Vac
Input Voltage
Hold-up Time at 48Vdc
2.5
A,
typ
.
5A,
typ
.
5A,
min
.
2.5
A,
mi
n.
80
Fig. 23-6
Efficiency vs. output current at 24V for use on
only two legs of a 3-phase system
Fig. 23-7
Losses vs. output current at 24V for use on
only two legs of a 3-phase system
Efficiency
1
89
91
93
88
94%
6A
24
5
Output Current
3
90
92
2x400Vac
2x480Vac
Power Losses
01
2
45
6A
0
4
12
20
24W
2x480Vac
2x400Vac
8
3
16
Output Current
Jan. 2010 / Rev. 1.1 DS-CT10.481-EN
All parameters are specified at 48V, 5A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com