Electronic Components Datasheet Search
  English  ▼

X  

CT10.481 Datasheet(PDF) 6 Page - PULS GmbH

Part # CT10.481
Description  48V, 5A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.481 Datasheet(HTML) 6 Page - PULS GmbH

Back Button CT10.481 Datasheet HTML 2Page - PULS GmbH CT10.481 Datasheet HTML 3Page - PULS GmbH CT10.481 Datasheet HTML 4Page - PULS GmbH CT10.481 Datasheet HTML 5Page - PULS GmbH CT10.481 Datasheet HTML 6Page - PULS GmbH CT10.481 Datasheet HTML 7Page - PULS GmbH CT10.481 Datasheet HTML 8Page - PULS GmbH CT10.481 Datasheet HTML 9Page - PULS GmbH CT10.481 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CT10.481
C-Series
48V, 5A, THREE PHASE INPUT
6. OUTPUT
Output voltage
nom.
48V
Adjustment range
min.
48-56V
guaranteed
max.
60V
at clockwise end position of potentiometer
Factory setting
typ.
48.0V
±0.2%, at full load, cold unit, in “single use” mode
typ.
46.0V
±0.2%, at full load, cold unit, in “parallel use” mode
typ.
48.0V
at no load, cold unit, in “parallel use” mode
Line regulation
max.
10mV
3x 323-576Vac
Load regulation
max.
100mV
in “single use” mode: static value, 0A
5A
typ.
2000mV
in “parallel use” mode: static value, 0A
5A, see Fig.
6-2
Ripple and noise voltage
max.
50mVpp
20Hz to 20MHz, 50Ohm
Output capacitance
typ.
2 400μF
Output current
nom.
6A
at 48V, ambient < 45°C, see Fig. 6-1
nom.
5A
at 48V, ambient < 60°C, see Fig. 6-1
nom.
5.2A
at 56V, ambient < 45°C, see Fig. 6-1
nom.
4.3A
at 56V, ambient < 60°C, see Fig. 6-1
Output power
nom.
288W
ambient < 45°C
nom.
240W
ambient < 60°C
Short-circuit current
min.
9.5A
continuous, load impedance 200mOhm, see Fig. 6-1
max.
11.5A
continuous, load impedance 200mOhm, see Fig. 6-1
min.
14A
<20ms, load impedance 200mOhm, see Fig. 6-1
max.
16A
<20ms, load impedance 200mOhm, see Fig. 6-1
discharge current of output capacitors not included
Fig. 6-1 Output voltage vs. output current,
typ.
Fig. 6-2 Output voltage in “parallel use”
mode, typ.
Output Voltage (Single Use, typ.)
0
04
10
8
16
24
56V
32
40
48
14
6
2
8
12
16A
Adjustment
Range
Output Current
Extra
current
for 20ms
Continuous
current
Output Voltage (Parallel Use, typ.)
42V
02
4
44V
46V
48V
56V
50V
52V
54V
6A
5
3
1
Adjustment
Range
Factory
setting
Output Current
Peak current capability (up to several milliseconds)
The power supply can deliver a peak current which is higher than the specified short term current. This helps to start
current demanding loads or to safely operate subsequent circuit breakers.
The extra current is supplied by the output capacitors inside the power supply. During this event, the capacitors will be
discharged and causes a voltage dip on the output. Detailed curves can be found in chapter 23.1.
Peak current voltage dips
typ.
from 48V to 34V
at 10A for 50ms, resistive load
typ.
from 48V to 35V
at 25A for 2ms, resistive load
typ.
from 48V to 28V
at 25A for 5ms, resistive load
Jan. 2010 / Rev. 1.1 DS-CT10.481-EN
All parameters are specified at 48V, 5A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com