Electronic Components Datasheet Search
  English  ▼

X  

CT10.481 Datasheet(PDF) 4 Page - PULS GmbH

Part # CT10.481
Description  48V, 5A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.481 Datasheet(HTML) 4 Page - PULS GmbH

  CT10.481 Datasheet HTML 1Page - PULS GmbH CT10.481 Datasheet HTML 2Page - PULS GmbH CT10.481 Datasheet HTML 3Page - PULS GmbH CT10.481 Datasheet HTML 4Page - PULS GmbH CT10.481 Datasheet HTML 5Page - PULS GmbH CT10.481 Datasheet HTML 6Page - PULS GmbH CT10.481 Datasheet HTML 7Page - PULS GmbH CT10.481 Datasheet HTML 8Page - PULS GmbH CT10.481 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CT10.481
C-Series
48V, 5A, THREE PHASE INPUT
3. AC-INPUT
AC input
nom.
3AC 380-480V
TN, TT, IT-mains networks,
grounding of one phase is allowed except for UL508
applications
AC input range
3x 323-576Vac
continuous operation
3x 576-700Vac
for max. 1 second, occasional (not periodical)
3x 200-323Vac
full power for 200ms, no damage between 0 and 200Vac
Allowed Voltage Phase to Earth
500Vac
IEC 62103
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
3x 260Vac
steady-state value, see Fig. 3-1
Shut-down voltage
typ.
3x 185Vac
steady-state value, see Fig. 3-1
3AC 400V
3AC 480V
Input current
typ.
0.7A
0.6A
at 48V, 5A, symmetrical phase voltage,
see Fig. 3-3
Power factor *)
typ.
0.53
0.52
at 48V, 5A, see Fig. 3-4
Start-up delay
typ.
90ms
90ms
see Fig. 3-2
Rise time
typ.
55ms
55ms
0mF, 48V, 5A, see Fig. 3-2
typ.
140ms
140ms
5mF, 48V, 5A, see Fig. 3-2
Turn-on overshoot
max.
300mV
300mV
see Fig. 3-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
323V
Rated input
range
V
IN
P
OUT
185V
576V
260V
3x700Vac
< 1s
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output load at 24V
Fig. 3-4 Power factor vs. output load
6A
01
3
4
0
0.1
0.2
0.4
0.5
0.6
0.8A
Input Current, typ.
Output Current
2
5
0.3
0.7
3x
48
0V
ac
3x
40
0V
ac
6A
01
3
4
0.35
0.40
0.45
0.50
0.55
Power Factor, typ.
Output Current
2
5
3x480Vac
3x400Vac
Jan. 2010 / Rev. 1.1 DS-CT10.481-EN
All parameters are specified at 48V, 5A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
4/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com