Electronic Components Datasheet Search
  English  ▼

X  

CT10.481 Datasheet(PDF) 14 Page - PULS GmbH

Part # CT10.481
Description  48V, 5A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.481 Datasheet(HTML) 14 Page - PULS GmbH

Back Button CT10.481 Datasheet HTML 10Page - PULS GmbH CT10.481 Datasheet HTML 11Page - PULS GmbH CT10.481 Datasheet HTML 12Page - PULS GmbH CT10.481 Datasheet HTML 13Page - PULS GmbH CT10.481 Datasheet HTML 14Page - PULS GmbH CT10.481 Datasheet HTML 15Page - PULS GmbH CT10.481 Datasheet HTML 16Page - PULS GmbH CT10.481 Datasheet HTML 17Page - PULS GmbH CT10.481 Datasheet HTML 18Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
CT10.481
C-Series
48V, 5A, THREE PHASE INPUT
18. APPROVALS
IEC 60950-1
CB Scheme,
Information Technology Equipment
UL 508
IND. CONT. EQ.
Listed for use as Industrial Control Equipment;
U.S.A. (UL 508) and Canada (C22.2 No. 107-1-01);
E-File: E198865
Mains supply circuit: 3-wire + PE, star
UL 60950-1
Recognized for use as Information Technology Equipment;
U.S.A. (UL 60950-1) and Canada (C22.2 No. 60950);
E-File: E137006, Level 5
Marine
pending
GL (Germanischer Lloyd) classified and
ABS (American Bureau for Shipping) PDA
Environmental category: C, EMC2
Marine and offshore applications
19. FULFILLED STANDARDS
EN 61558-2-17
Safety of Power Transformers
EN/IEC 60204-1
Safety of Electrical Equipment of Machines
EN/IEC 61131-2
Programmable Controllers
EN 50178, IEC 62103
Electronic Equipment in Power Installations
20. USED SUBSTANCES
The unit does not release any silicone and is suitable for the use in paint shops.
The unit conforms to the RoHS directive 2002/96/EC
Electrolytic capacitors included in this unit do not use electrolytes such as Quaternary Ammonium Salt Systems.
Plastic housings and other molded plastic materials are free of halogens, wires and cables are not PVC insulated.
The production material within our production does not include following toxic chemicals:
Polychlorized Biphenyl (PCB), Polychlorized Terphenyl (PCT), Pentachlorophenol (PCP), Polychlorinated naphthalene
(PCN), Polybrom Biphenyll (PBB), Polybrom Bipheny-oxyd (PBO), Polybrominated Diphenylether (PBDE), Polychlorinated
Diphenylether (PCDE), Polydibromphenyl Oxyd (PBDO), Cadmium, Asbestos, Mercury, Silicia
Jan. 2010 / Rev. 1.1 DS-CT10.481-EN
All parameters are specified at 48V, 5A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
14/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com