Electronic Components Datasheet Search
  English  ▼

X  

55PC Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 55PC
Description  PROCESS-CONTROLLED WIRE AND CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC Datasheet(HTML) 5 Page - TE Connectivity Ltd

  55PC Datasheet HTML 1Page - TE Connectivity Ltd 55PC Datasheet HTML 2Page - TE Connectivity Ltd 55PC Datasheet HTML 3Page - TE Connectivity Ltd 55PC Datasheet HTML 4Page - TE Connectivity Ltd 55PC Datasheet HTML 5Page - TE Connectivity Ltd 55PC Datasheet HTML 6Page - TE Connectivity Ltd 55PC Datasheet HTML 7Page - TE Connectivity Ltd 55PC Datasheet HTML 8Page - TE Connectivity Ltd 55PC Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SPECIFICATION 55PC, ISSUE 8
Page 5 of 18
NOTE:
ANY PRINTED COPY OF THIS DOCUMENT
IS AN UNCONTROLLED COPY.
© 2008-2015 Tyco Electronics Corporation. All rights reserved.
3.1
MATERIAL SPECIFIC REQUIREMENTS
These characteristics, noted by the code "M" in Table 3, are initially established and controlled
by the incoming raw materials prior to the first process step (see Table 1). Materials not
specifically designated herein shall be of the quality and form best suited for the purpose
intended. Unless otherwise specified, the materials shall meet the following requirements:
3.1.1
Conductor and Shield Materials
Conductor materials and construction shall be in accordance with AS22759 and the applicable
SCD. Shield strand materials shall conform to the requirements specified in WC 27500 and
the applicable SCD.
3.1.2
Conductor Elongation and Break Strength
Conductor elongation and break strength shall meet the requirements of AS22759 for the
AWG, construction, and material specified in the applicable SCD.
3.1.3
Insulation and Jacket Materials
Insulating materials, used for wire insulation or cable jackets, shall be radiation-crosslinked,
extruded, modified ETFE.
3.1.4
Wraps
Tape wraps, where specified in the applicable SCD, shall be applied with an overlap of
25 percent, minimum, and shall meet the material and construction requirements of the
applicable SCD. Overlap is defined as the percentage of tape width covered by successive
turns of tape.
3.2
PROCESS SPECIFIC REQUIREMENTS
These characteristics, noted by the codes "P" and "P100" in Table 3, are initially established
and controlled by one particular process step (see Table 2). Unless otherwise specified,
requirements for process specific characteristics shall be as follows:
3.2.1
Cabling
Cable components shall be twisted in a left-hand lay with a length of lay 8 to 16 times the
cabled diameter. Cable components shall meet the requirements of the applicable component
SCD prior to cabling.
3.2.2
Conductor and Shield Continuity
One hundred percent of all finished cable shall exhibit no loss of continuity in the conductors
or shields, as applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com