Electronic Components Datasheet Search
  English  ▼

X  

55PC Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # 55PC
Description  PROCESS-CONTROLLED WIRE AND CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button 55PC Datasheet HTML 8Page - TE Connectivity Ltd 55PC Datasheet HTML 9Page - TE Connectivity Ltd 55PC Datasheet HTML 10Page - TE Connectivity Ltd 55PC Datasheet HTML 11Page - TE Connectivity Ltd 55PC Datasheet HTML 12Page - TE Connectivity Ltd 55PC Datasheet HTML 13Page - TE Connectivity Ltd 55PC Datasheet HTML 14Page - TE Connectivity Ltd 55PC Datasheet HTML 15Page - TE Connectivity Ltd 55PC Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Page 12 of 18
SPECIFICATION 55PC, ISSUE 8
NOTE:
ANY PRINTED COPY OF THIS DOCUMENT
IS AN UNCONTROLLED COPY.
© 2008-2015 Tyco Electronics Corporation. All rights reserved.
the air inlets. The burner shall be adjusted to furnish a 3-inch (76-mm) high conical flame
with an inner cone approximately 1 inch (25 mm) in length and a flame temperature not less
than 954°C at its hottest point, as measured with an accurate thermocouple pyrometer. A sheet
of facial tissue conforming to UU-T-450 shall be suspended taut and horizontal 9.5 inches
(241 mm) below the point of application of the flame to the specimen and at least 0.50 inch (13
mm) from the chamber floor, so that any material dripping from the specimen shall fall upon
the tissue.
4.6.7.2
Test Procedure
A 24-inch (610-mm) specimen shall be marked at a distance of 8 inches (203 mm) from its
lower end to indicate the point for flame application and shall be placed in the specified 60-
degree position in the test chamber. The lower end of the specimen shall be clamped in
position in the specimen holder and the upper end shall be passed over the pulley of the holder
and the applicable weight shall be attached. For wire, the weight shall be equal to one half the
test load specified for the crosslinked verification test of the same wire in Table 4. For cable,
the weight shall be sufficient to hold the specimen taut throughout the test. With the burner
held perpendicular to the specimen and at an angle of 30 degrees from the vertical plane of the
specimen (see Figure 1), the hottest portion of the flame shall be applied to the lower side of
the specimen at the test mark. The period of test flame application shall be 30 seconds and the
test flame shall be withdrawn immediately at the end of that period. The distance of flame
travel upward along the specimen from the test mark and the time of burning after removal of
the test flame shall be recorded; also the presence or absence of flame in the facial tissue due
to incendiary dripping from the specimen. Charred holes or charred spots in the tissue shall be
ignored in the absence of actual flame. Breaking of the wire specimens in size 24 or smaller
shall not be considered as failure, provided the requirements for flame travel limits, duration
of flame, and absence of incendiary dripping are met.
FIGURE 1. FLAMMABILITY TEST APPARATUS
(shown without chamber)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com