| Electronic Components Datasheet Search |
|
55PC Datasheet(PDF) 1 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
55PC Datasheet(HTML) 1 Page - TE Connectivity Ltd |
|
1 / 18 page ![]() Raychem Wire and Cable 501 Oakside Avenue, Redwood City, CA 94063-3800 NOTE: ANY PRINTED COPY OF THIS DOCUMENT IS AN UNCONTROLLED COPY. SPECIFICATION: 55PC THIS ISSUE: Issue 8 DATE: 18 May 2015 REPLACES: Issue 7 PAGE: 1 of 18 © 2008-2015 Tyco Electronics Corporation. All rights reserved. PROCESS-CONTROLLED WIRE AND CABLE, RADIATION-CROSSLINKED, MODIFIED ETFE*-INSULATED 1. SCOPE 1.1 SCOPE This specification describes the characteristics, processes, and associated quality assurance provisions for process-controlled wire and cable products. These products are manufactured with an extruded insulation and jacket material of radiation-crosslinked, modified ETFE, in conjunction with various conductor and shield materials. 1.2 DEFINITIONS This section defines terms, not defined elsewhere, that are used in this specification and referenced documents. Cable - Two or more wires twisted together, or one or more wires with an overall shield. Each wire, in this case, is termed a cable component. Characteristic - Descriptive and/or measurable features or properties that define the part or process relative to design, performance, or process. Conductor - The central, metallic component of an insulated wire, having a single (solid) strand, or multiple, twisted strands. Jacket - An extruded layer of insulation applied over a cable. Its function is to provide mechanical and environmental protection rather than electrical properties. SCD - The Specification Control Drawing describes a single wire or cable construction in one AWG size or a range of AWG sizes. It also contains requirements for certain characteristics. Shield - A braided, or spiral, covering of round or flat metallic strands covering a wire or cable. Target Value - The central value for a characteristic that reflects the ideal condition for the part or process. Tolerance Limits - Values that represent limits of acceptability for a given characteristic. Wire - A conductor having one or more concentric layers of extruded insulation. *Ethylene-tetrafluoroethylene |
Similar Part No. - 55PC |
|
Similar Description - 55PC |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |