Electronic Components Datasheet Search
  English  ▼

X  

55PC Datasheet(PDF) 16 Page - TE Connectivity Ltd

Part # 55PC
Description  PROCESS-CONTROLLED WIRE AND CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC Datasheet(HTML) 16 Page - TE Connectivity Ltd

Back Button 55PC Datasheet HTML 10Page - TE Connectivity Ltd 55PC Datasheet HTML 11Page - TE Connectivity Ltd 55PC Datasheet HTML 12Page - TE Connectivity Ltd 55PC Datasheet HTML 13Page - TE Connectivity Ltd 55PC Datasheet HTML 14Page - TE Connectivity Ltd 55PC Datasheet HTML 15Page - TE Connectivity Ltd 55PC Datasheet HTML 16Page - TE Connectivity Ltd 55PC Datasheet HTML 17Page - TE Connectivity Ltd 55PC Datasheet HTML 18Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Page 16 of 18
SPECIFICATION 55PC, ISSUE 8
NOTE:
ANY PRINTED COPY OF THIS DOCUMENT
IS AN UNCONTROLLED COPY.
© 2008-2015 Tyco Electronics Corporation. All rights reserved.
5.
STANDARD PACKAGING
Unless otherwise specified (see 7.1), the following shall define the standard spooling and
labeling requirements for wire and cable furnished under this specification. Standard shipping
tolerance on ordered quantity, for both wire and cable, shall be ± 10 percent.
5.1
SPOOLING REQUIREMENTS
All layers of wire and cable shall be wound on spools or reels (see 5.1.3) with sufficient
tension to prevent shifting of layers and creation of crossovers within layers.
5.1.1
Finished Wire
Finished wire lengths shall be wound on spools or reels with the ends spliced together to
provide one mechanically and electrically continuous length. Unless otherwise specified, the
minimum continuous length between splices shall be in accordance with Table 5.
TABLE 5. FINISHED WIRE LENGTHS
Wire Size Range
(AWG)
Minimum Length
30 through 10
8 and larger
100 feet (30 m)
50 feet (15 m)
(NOTE: Metric lengths specified above apply only to those orders placed in metric.)
5.1.2
Finished Cable
Finished cable lengths shall be wound on spools or reels with all ends exposed. There shall be
no more than 5 lengths per spool or reel and no length shall be less than 50 feet (15 m).
5.1.3
Spools and Reels
Spools and reels shall be of a nonreturnable type. Each spool and reel shall have an
appropriate diameter for the respective wire or cable size. In no case shall the barrel of the
spool or reel have a diameter less than 3.5 inches (89 mm). Spools and reels shall be suitably
finished to prevent corrosion under typical storage and handling conditions. Loaded plastic
spools shall not exceed 50 pounds (23 kg). Loaded wooden reels shall have no weight
restriction.
5.1.4
Containers
Unless otherwise specified (see 7.1), finished wire and cable shall be delivered in standard
commercial containers so constructed as to ensure acceptance by common or other carrier for
safe transportation at the lowest rate to the point of delivery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com