Electronic Components Datasheet Search
  English  ▼

X  

55PC Datasheet(PDF) 14 Page - TE Connectivity Ltd

Part # 55PC
Description  PROCESS-CONTROLLED WIRE AND CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC Datasheet(HTML) 14 Page - TE Connectivity Ltd

Back Button 55PC Datasheet HTML 10Page - TE Connectivity Ltd 55PC Datasheet HTML 11Page - TE Connectivity Ltd 55PC Datasheet HTML 12Page - TE Connectivity Ltd 55PC Datasheet HTML 13Page - TE Connectivity Ltd 55PC Datasheet HTML 14Page - TE Connectivity Ltd 55PC Datasheet HTML 15Page - TE Connectivity Ltd 55PC Datasheet HTML 16Page - TE Connectivity Ltd 55PC Datasheet HTML 17Page - TE Connectivity Ltd 55PC Datasheet HTML 18Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Page 14 of 18
SPECIFICATION 55PC, ISSUE 8
NOTE:
ANY PRINTED COPY OF THIS DOCUMENT
IS AN UNCONTROLLED COPY.
© 2008-2015 Tyco Electronics Corporation. All rights reserved.
4.6.10
Insulation or Jacket Flaws
4.6.10.1
Impulse Dielectric Test
Finished wire and cable shall be tested in accordance with ASTM D 3032, Section 13, at the
voltage specified in the applicable SCD with the conductor or shield, as applicable, grounded
at one end or both ends. When specified in the contract or order, insulation or jacket failure,
untested portions, or portions which have been exposed to fewer or more than the specified
pulses may be marked by stripping the insulation or jacket or by any other suitable method of
marking as specified in the contract in lieu of being cut out of the wire or cable.
4.6.10.2
Spark Test
Finished wire and cable shall be passed through a chain electrode spark test device using the
voltage specified in the applicable SCD at a frequency of 60 or 3000 Hz. The conductor or
shield, as applicable, shall be grounded at one or both ends. The electrode shall be of a
suitable bead chain or fine mesh construction that will give intimate metallic contact with
practically all of the wire or cable surface. Electrode length and speed of specimen movement
shall be such that the wire or cable is subjected to the test voltage for a minimum of 0.2
second. Any portion showing breakdown shall be cut out, including at least 2 inches (51 mm)
of insulation or jacket on each side of the failure.
4.6.11
Insulation Resistance
The uninsulated ends of a wire specimen at least 26 feet (7.9 m) in length shall be connected
electrically to a DC terminal. The specimen shall be immersed to within 6 inches (152 mm) of
its ends in a water bath at 25 ± 5°C containing 0.5 to 1.0 percent of an anionic wetting agent.
After 4 hours minimum of immersion, the specimen shall be subjected to a potential of 250 to
500 volts applied between the conductor and the water bath, which serves as the second
electrode. The insulation resistance of the specimen shall be determined after one minute of
electrification at this potential and shall be calculated as follows:
Megohms for 1000 feet =
(or M
-l km)
Specimen resistance (megohms) x Immersed length (feet) (or meters)
1000
4.6.12
Low Temperature-Cold Bend
For finished wire, a specimen shall be tested in accordance with the insulation low temperature
resistance test specified in AS22759 at -65 ± 2°C for 4 hours using the applicable mandrel and
test load specified below, except that only 1 specimen shall be tested and the voltage withstand
test shall be as specified herein (4.6.14). Finished cable shall be tested in accordance WC
27500 at -65 ± 2°C for 4 hours using the applicable mandrel and test load specified below,
except the voltage withstand test shall be as specified herein (4.6.14). Dissecting the cable
specimen and testing the individual wires shall not be required.
Wire:
0.75-inch (19-mm) mandrel, 3-lb. (1.4 kg) test load
Cable:
1.50-inch (38-mm) mandrel, 5-lb. (2.3 kg) test load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com